Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50WQ06F Datasheet(PDF) 2 Page - International Rectifier

Part # 50WQ06F
Description  SCHOTTKY RECTIFIER - 5.5Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ06F Datasheet(HTML) 2 Page - International Rectifier

  50WQ06F Datasheet HTML 1Page - International Rectifier 50WQ06F Datasheet HTML 2Page - International Rectifier 50WQ06F Datasheet HTML 3Page - International Rectifier 50WQ06F Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50WQ05F, 50WQ05F
PD-2.311 rev. A 12/97
2
www.irf.com
Part number
50WQ05F
50WQ06F
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working PeakReverse Voltage (V)
50
60
Voltage Ratings
I
F(AV)
Max.AverageForwardCurrent
5.5
A
50% duty cycle @ T
C
= 89 °C, rectangular wave form
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
360
5µs Sine or 3µs Rect. pulse
SurgeCurrent *SeeFig.7
42
10ms Sine or 6ms Rect. pulse
Parameters
50WQ..F Units
Conditions
Absolute Maximum Ratings
A
Following any rated
load condition and
with rated V
RRM
applied
V
FM
Max. Forward Voltage Drop
0.70
V
@ 5A
* See Fig. 1
(1)
1.07
V
@ 10A
0.66
V
@ 5A
0.80
V
@ 10A
I
RM
Max. Reverse Leakage Current
3
mA
T
J
= 25 °C
* See Fig. 2
(1)
30
mA
T
J
= 125 °C
C
T
Typical Junction Capacitance
150
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25 °C
L
S
Typical Series Inductance
5.0
nH
Measured lead to lead 5mm from package body
T
J
= 25 °C
T
J
= 125 °C
V
R
= rated V
R
Electrical Specifications
Parameters
50WQ..F Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
T
J
Max.JunctionTemperatureRange
-40to125
°C
T
stg
Max.StorageTemperatureRange
-40to125
°C
R
thJC
Max.ThermalResistanceJunction
6.0
°C/W
DCoperation
* See Fig. 4
toCase
wt
ApproximateWeight
0.3(0.01)
g(oz.)
Case Style
D - PAK
SimilartoTO-252AA
Thermal-Mechanical Specifications
Parameters
50WQ..F Units
Conditions


Similar Part No. - 50WQ06F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ06FN IRF-50WQ06FN Datasheet
69Kb / 6P
   SCHOTTKY RECTIFIER
50WQ06FN IRF-50WQ06FN Datasheet
188Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
logo
Vishay Siliconix
50WQ06FN VISHAY-50WQ06FN Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
logo
Sangdest Microelectroni...
50WQ06FN SMC-50WQ06FN Datasheet
153Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
50WQ06FN SMCDIODE-50WQ06FN Datasheet
316Kb / 4P
   50WQ06FN SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - 50WQ06F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com