Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7208 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7208
Description  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMUX7208 Datasheet HTML 35Page - Texas Instruments TMUX7208 Datasheet HTML 36Page - Texas Instruments TMUX7208 Datasheet HTML 37Page - Texas Instruments TMUX7208 Datasheet HTML 38Page - Texas Instruments TMUX7208 Datasheet HTML 39Page - Texas Instruments TMUX7208 Datasheet HTML 40Page - Texas Instruments TMUX7208 Datasheet HTML 41Page - Texas Instruments TMUX7208 Datasheet HTML 42Page - Texas Instruments TMUX7208 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
11 Power Supply Recommendations
The TMUX7208 and the TMUX7209 operate across a wide supply range of of ±4.5 V to ±22 V (4.5 V to 44 V in
single-supply mode). The device also perform well with asymmetrical supplies such as VDD = 12 V and VSS = –5
V.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the supply
rails to other components. Good power-supply decoupling is important to achieve optimum performance. For
improved supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF at the VDD and
VSS pins to ground. Place the bypass capacitors as close to the power supply pins of the device as possible
using low-impedance connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that
offer low equivalent series resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling
purposes. For very sensitive systems, or for systems in harsh noise environments, avoiding the use of vias
for connecting the capacitors to the device pins may offer superior noise immunity. The use of multiple vias
in parallel lowers the overall inductance and is beneficial for connections to ground and power planes. Always
ensure the ground (GND) connection is established before supplies are ramped.
www.ti.com
TMUX7208, TMUX7209
SCDS418C – JULY 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMUX7208 TMUX7209


Similar Part No. - TMUX7208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
3Mb / 51P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
3Mb / 52P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
TMUX7208PWR TI-TMUX7208PWR Datasheet
2Mb / 42P
[Old version datasheet]   TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7208PWR TI-TMUX7208PWR Datasheet
3Mb / 51P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
More results

Similar Description - TMUX7208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7208 TI-TMUX7208_V03 Datasheet
3Mb / 52P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
TMUX7208 TI-TMUX7208_V01 Datasheet
3Mb / 51P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7201 TI-TMUX7201_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
[Old version datasheet]   TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7219 TI-TMUX7219_V02 Datasheet
2Mb / 46P
[Old version datasheet]   TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
[Old version datasheet]   TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7219 TI-TMUX7219_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7219M TI-TMUX7219M Datasheet
1Mb / 38P
[Old version datasheet]   TMUX7219M 44-V, Latch-Up Immune, Extended Temperature, 2:1 (SPDT) Precision Switch with 1.8-V Logic
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com