Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9WMB1FK Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC9WMB1FK
Description  1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB1FK Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC9WMB1FK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 10Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 11Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 12Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 13Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TC9WMB1FK,TC9WMB2FK
2002-07-31
10
Electrical Characteristics
DC Characteristics (GND
==== 0 V, Topr ==== ----40 to 85°C)
1.8 <
= VCC < 2.3 V 2.3 <= VCC <= 3.6 V 4.5 <= VCC <= 5.5 V
Characteristics
Symbol
Test
Condition
Min
Max
Min
Max
Min
Max
Unit
Input current
ILI
¾
¾
±1
¾
±1
¾
±1
mA
Output leakage current
ILO
¾
¾
±1
¾
±1
¾
±1
mA
IOL = 3.2 mA
¾
¾
¾
0.4
¾
0.4
Low-level output voltage
VOL
IOL = 1.5 mA
¾
0.5
¾
¾
¾
¾
V
Quiescent supply current
ICC1
¾
¾
5
¾
5
¾
5
mA
Supply current during read
ICC2
f
= 400 kHz
¾
0.2*
¾
0.3
¾
0.5
mA
Supply current during write
ICC3
f
= 400 kHz
¾
¾
¾
1.5
¾
2.0
mA
*f
= 100 kHz
AC Characteristics (GND
==== 0 V, Topr ==== ----40 to 85°C)
Test Conditions
Input pulse voltage
0.1
´ VCC~0.9 ´ VCC
Input rise/fall time
20 ns
Input/output testing voltage
0.5
´ VCC
Output load
100 pF
+ 1 kW pull-up resistor
1.8 <
= VCC < 2.3 V 2.3 <= VCC <= 3.6 V 4.5 <= VCC <= 5.5 V
Characteristics
Symbol
Min
Max
Min
Max
Min
Max
Unit
SCL clock frequency
fSCL
0
100
0
400
0
400
kHz
SCL clock “low” time
tLOW
4.7
¾
1.2
¾
1.2
¾
ms
SCL clock “high” time
tHIGH
4.0
¾
0.6
¾
0.6
¾
ms
Noise suppression time
tI
¾
100
¾
50
¾
50
ns
SDA output delay
tAA
0.1
4.5
0.1
0.9
0.1
0.9
ms
Bus free time
tBUF
4.7
¾
1.2
¾
1.2
¾
ms
Start condition hold time
tHD.STA
4.0
¾
0.6
¾
0.6
¾
ms
Start condition setup time
tSU.STA
4.7
¾
0.6
¾
0.6
¾
ms
Data input hold time
tHD.DAT
0
¾
0
¾
0
¾
ns
Data input setup time
tSU.DAT
250
¾
200
¾
200
¾
ns
SCL, SDA input rise time
tR
¾
1.0
¾
0.3
¾
0.3
ms
SCL, SDA input fall time
tF
¾
0.3
¾
0.3
¾
0.3
ms
Stop condition setup time
tSU.STO
4.7
¾
0.6
¾
0.6
¾
ms
SDA output hold time
tDH
100
¾
50
¾
50
¾
ns
VCC
RL = 1 kW
SDA
CL = 100 pF


Similar Part No. - TC9WMB1FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1AFU TOSHIBA-TC9WMB1AFU Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
More results

Similar Description - TC9WMB1FK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
National Semiconductor ...
DM54LS471 NSC-DM54LS471 Datasheet
121Kb / 4P
   (256 X 8) 2048-BIT TTL PROM
logo
Siemens Semiconductor G...
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
logo
National Semiconductor ...
MM1702A NSC-MM1702A Datasheet
355Kb / 6P
   MM1702A 2048-Bit (256 x 8 ) UV Erasable PROM
logo
Xicor Inc.
X76F100 XICOR-X76F100 Datasheet
275Kb / 16P
   1K 128 x 8 Bit
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
logo
List of Unclassifed Man...
MMN2716 ETC1-MMN2716 Datasheet
244Kb / 6P
   2048 x 8 BIT EPROM / PROM
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com