Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC31IRHBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC31IRHBRG4
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC31IRHBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC31IRHBRG4 Datasheet HTML 1Page - Texas Instruments TLV320AIC31IRHBRG4 Datasheet HTML 2Page - Texas Instruments TLV320AIC31IRHBRG4 Datasheet HTML 3Page - Texas Instruments TLV320AIC31IRHBRG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC31IRHBRG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC31IRHBRG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC31IRHBRG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC31IRHBRG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC31IRHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
TLV320AIC31
SLAS497 – DECEMBER 2005
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Stereo Audio DAC
The TLV320AIC31 is a low-power stereo-audio codec
with a stereo headphone amplifier, as well as multiple
– 100 dB A Signal-to-Noise Ratio
inputs and outputs, programmable in single-ended or
– 16/20/24/32-Bit Data
fully-differential
configurations.
Extensive
– Supports Rates From 8 kHz to 96 kHz
register-based power control is included, enabling
– 3D/Bass/Treble/EQ/De-Emphasis Effects
stereo 48-kHz DAC playback as low as 14 mW from
a 3.3-V analog supply, making it ideal for portable,
Stereo Audio ADC
battery-powered audio and telephony applications.
– 92 dB A Signal-to-Noise Ratio
The record path of the TLV320AIC31 contains
– Supports Rates From 8 kHz to 96 kHz
integrated
microphone
bias,
digitally-controlled
Six Audio Input Pins
stereo-microphone
pre-amp,
and
automatic
gain
– Two Stereo Differential/Single-Ended Inputs
control (AGC), with mix/mux capability among the
multiple analog inputs. The playback path includes
Six Audio Output Drivers
mix/mux capability from the stereo DAC and selected
– Stereo 8-
Ω, 500 mw/Channel Speaker Drive
inputs, through programmable volume controls, to the
Capability
various outputs.
– Stereo Fully-Differential or Single-Ended
The TLV320AIC31 contains four high-power output
Headphone Drivers
drivers as well as two fully differential output drivers.
– Fully Differential Stereo Line Outputs
The high-power output drivers are capable of driving
a variety of load configurations, including up to four
Low Power: 14-mW Stereo, 48-kHz Playback
channels of single-ended 16-
Ω headphones using
With 3.3-V Analog Supply
ac-coupling capacitors, or stereo 16-
Ω headphones in
Programmable Input/Output Analog Gains
a cap-less output configuration. In addition, pairs of
Automatic Gain Control (AGC) for Record
drivers can be used to drive 8-
Ω speakers in a BTL
configuration at 500 mW per channel.
Programmable Microphone Bias Level
Programmable PLL for Flexible Clock
The stereo audio DAC supports sampling rates from
8 kHz to 96 kHz and includes programmable digital
Generation
filtering in the DAC path for 3D, bass, treble,
I2C Control Bus
midrange
effects,
speaker
equalization,
and
Audio Serial Data Bus Supports I2S,
de-emphasis for 32 kHz, 44.1 kHz, and 48 kHz rates.
Left/Right-Justified, DSP, and TDM Modes
The stereo-audio ADC supports sampling rates from
8 kHz to 96 kHz and is preceded by programmable
Extensive Modular Power Control
gain amplifiers providing up to +59.5 dB analog gain
Power Supplies:
for low-level microphone inputs.
– Analog: 2.7 V – 3.6 V
The serial control bus supports the I2C protocol, while
– Digital Core: 1.525 V – 1.95 V
the serial-audio data bus is programmable for I2S,
– Digital I/O: 1.1 V – 3.6 V
left/right justified, DSP, or TDM modes. A highly
programmable PLL is included for flexible clock
Available Packages: 5
× 5 mm, 32-Pin QFN
generation and support for all standard audio rates
from a wide range of available MCLKs, varying from
512 kHz to 50 MHz, with special attention paid to the
most popular cases of 12 MHz, 13 MHz, 16 MHz,
19.2 MHz, and 19.68 MHz system clocks.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV320AIC31IRHBRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31IRHBRG4 BURR-BROWN-TLV320AIC31IRHBRG4 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31IRHBRG4 BURR-BROWN-TLV320AIC31IRHBRG4 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC31IRHBRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com