Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223IDWRE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # MAX3223IDWRE4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3223IDWRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX3223IDWRE4 Datasheet HTML 4Page - Texas Instruments MAX3223IDWRE4 Datasheet HTML 5Page - Texas Instruments MAX3223IDWRE4 Datasheet HTML 6Page - Texas Instruments MAX3223IDWRE4 Datasheet HTML 7Page - Texas Instruments MAX3223IDWRE4 Datasheet HTML 8Page - Texas Instruments MAX3223IDWRE4 Datasheet HTML 9Page - Texas Instruments MAX3223IDWRE4 Datasheet HTML 10Page - Texas Instruments MAX3223IDWRE4 Datasheet HTML 11Page - Texas Instruments MAX3223IDWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MAX3223
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS409K − JANUARY 2000 − REVISED MARCH 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tPLH
Generator
(see Note B)
RL
3 V
FORCEOFF
RS-232
Output
tPHL
CL
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
50%
50%
1.5 V
1.5 V
Figure 2. Driver Pulse Skew
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
50%
50%
−3 V
3 V
1.5 V
1.5 V
Output
Input
VOL
VOH
tPHL
Generator
(see Note B)
tPLH
Output
EN
0 V
CL
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
0 V
FORCEOFF
Figure 3. Receiver Propagation Delay Times
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
Generator
(see Note B)
3 V or 0 V
Output
VOL
VOH
tPHZ
(S1 at GND)
tPLZ
(S1 at VCC)
tPZL
(S1 at VCC)
1.5 V
1.5 V
3 V
0 V
50%
0.3 V
Output
Input
50%
0.3 V
EN
FORCEON
3 V or 0 V
RL
S1
VCC
GND
CL
(see Note A)
Output
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
tPHZ
(S1 at GND)
Figure 4. Receiver Enable and Disable Times


Similar Part No. - MAX3223IDWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223IDWR TI1-MAX3223IDWR Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results

Similar Description - MAX3223IDWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3243-EP TI1-MAX3243-EP_16 Datasheet
793Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3223 TI-TRS3223_08 Datasheet
448Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222_10 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com