Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-511A-L0000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 5082-511A-L0000
Description  14.22 mm (0.56 inch) General Purpose Seven-Segment Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-511A-L0000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  5082-511A-L0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-511A-L0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-511A-L0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-511A-L0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-511A-L0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-511A-L0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-511A-L0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-511A-L0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-511A-L0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Green
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment
IV
2.001
4.100
mcd
IF = 10 mA
Forward Voltage
VF
2.06
V
IF = 10 mA
1.80
2.25
2.60
V
IF = 20 mA
Peak Wavelength
λPEAK
568
nm
Dominant Wavelength
λd
573
nm
Reverse Voltage
VR
5
V
IR = 100
µA
511G
513G
Absolute Maximum Ratings at TA = 25˚C
HER
Green
AlGaAs Red
Yellow
Description
HDSP-51xE
HDSP-51xG
HDSP-51xA
HDSP-51xY
Units
Power Dissipation Segment
60
65
30
52
mW
Forward Current Segment
25[1]
25[2]
15[3]
20[4]
mA
Peak Forward Current per Segment
100
100
80
80
mA
(1/10 Duty Factor at 10 KHz)
Operating Temperature Range
–35 to +85
–35 to +85
–35 to +85
–35 to +85
˚C
Storage Temperature Range
–35 to +85
–35 to +85
–35 to +85
–35 to +85
˚C
Reverse Voltage per Segment or DP
5
5
5
5
V
Wavesoldering Temperature for 3 seconds
250
250
250
250
˚C
(at 2 mm Distance from the body)
Notes:
1. Derate above 25˚C at 0.33 mA/˚C.
2. Derate above 25˚C at 0.33 mA/˚C.
3. Derate above 25˚C at 0.2 mA/˚C.
4. Derate above 25˚C at 0.27 mA/˚C.
Electrical/Optical Characteristics at TA = 25˚C
High Efficiency Red (HER)
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment
IV
1.73
mcd
IF = 5 mA
2.001
4.100
mcd
IF = 10 mA
Forward Voltage
VF
2.05
2.40
V
IF = 20 mA
Peak Wavelength
λPEAK
635
nm
Dominant Wavelength
λd
620
nm
Reverse Voltage
VR
5
V
IR = 100
µA
511E
513E


Similar Part No. - 5082-511A-L0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5501-00000 HP-5082-5501-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0E000 HP-5082-5501-0E000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0F000 HP-5082-5501-0F000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0G000 HP-5082-5501-0G000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0H000 HP-5082-5501-0H000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results

Similar Description - 5082-511A-L0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com