Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD95N04 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD95N04
Description  N-CHANNEL 40V - 5.4mohm - 80A - DPAK - TO-220 STripFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD95N04 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD95N04 Datasheet HTML 3Page - STMicroelectronics STD95N04 Datasheet HTML 4Page - STMicroelectronics STD95N04 Datasheet HTML 5Page - STMicroelectronics STD95N04 Datasheet HTML 6Page - STMicroelectronics STD95N04 Datasheet HTML 7Page - STMicroelectronics STD95N04 Datasheet HTML 8Page - STMicroelectronics STD95N04 Datasheet HTML 9Page - STMicroelectronics STD95N04 Datasheet HTML 10Page - STMicroelectronics STD95N04 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STD95N04 - STP95N04
3 Test circuits
7/14
3
Test circuits
Figure 12. Switching Times Test Circuit for
Resistive Load
Figure 13. Gate Charge Test Circuit
Figure 14. Test Circuit for Inductive Load
Switching and Diode Recovery
Times
Figure 15. Unclamped Inductive Load Test
Circuit
Figure 16. Unclamped Inductive Waveform
Figure 17. Switching Time Waveform


Similar Part No. - STD95N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
More results

Similar Description - STD95N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD95N4F3 STMICROELECTRONICS-STD95N4F3 Datasheet
336Kb / 14P
   N-channel 40V - 5.4mOHM - 80A - DPAK - TO-220 - IPAK STripFET TM Power MOSFET
STD95N4F3 STMICROELECTRONICS-STD95N4F3_07 Datasheet
465Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3 Datasheet
343Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
   N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
STP80NF55-06 STMICROELECTRONICS-STP80NF55-06 Datasheet
48Kb / 6P
   N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
49Kb / 6P
   N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
STP80NF03L STMICROELECTRONICS-STP80NF03L Datasheet
214Kb / 8P
   N-CHANNEL 30V - 0.004 - 80A TO-220 STripFET II MOSFET
January 2004
STP80NF12 STMICROELECTRONICS-STP80NF12_07 Datasheet
247Kb / 12P
   N-channel 120V - 0.013ohm - 80A - TO-220 STripFET TM II Power MOSFET
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET??II POWER MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com