Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3882N Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3882N
Description  AVERAGE CURRENT MODE SYNCHRONOUS CONTROLLER WITH 5-BIT DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3882N Datasheet(HTML) 1 Page - Texas Instruments

  UCC3882N Datasheet HTML 1Page - Texas Instruments UCC3882N Datasheet HTML 2Page - Texas Instruments UCC3882N Datasheet HTML 3Page - Texas Instruments UCC3882N Datasheet HTML 4Page - Texas Instruments UCC3882N Datasheet HTML 5Page - Texas Instruments UCC3882N Datasheet HTML 6Page - Texas Instruments UCC3882N Datasheet HTML 7Page - Texas Instruments UCC3882N Datasheet HTML 8Page - Texas Instruments UCC3882N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DESCRIPTION
UDG−97047−1
CAM
CAO
OVP
OVP (+ 17.5%)
OV
OV (+ 9%)
VSNS
VFB
Voltage
Amplifier
Current
Amplifier
3 V
UV
UV (−9%)
S
R
Q
Turn
On
Delay
Current Sense
Amplifier
RT
PWRGD
VDRVHI
GATEHI
PGND
Anti Cross
Condition
Turn
On
Delay
RT
VDRVLO
GATELO
Foldback
Current
Limit
1.37 V
VSNS
X16
COMP
ISOUT
IS−
IS+
Output Offset
5 V REF
D0
D1
D2
D3
D4
D/C Converter
2 V − 3.5 V, 100 mV
or
1.3 V − 2.05 V, 50 mV
COMMAND
CT
RT
OSC
VIN
10.5 V/10 V
UVLO
4.3 V/4.2 V
5 V
REF
GND
VREF
VIN
EN
4
6
15
16
8
7
27
26
24
23
22
6
1
20
14
13
2
19
18
12
10
11
28
21
9
17
UCC3882/-1
SLUS294A – MARCH 1999 – REVISED OCTOBER 2005
AVERAGE CURRENT MODE SYNCHRONOUS
CONTROLLER WITH 5-BIT DAC
Combined DAC/Voltage Monitor and PWM
The UCC3882 combines high precision reference and
With Synchronous Rectification Functions
voltage monitoring circuitry with average current
mode
PWM
synchronous
rectification
controller
5-Bit Digital-to-Analog (DAC) Converter
circuitry to power high-end microprocessors with a
1% DAC/Reference Combined Accuracy
minimum of external components. The UCC3882
Compatible with 5 V and 12 V Systems and 12
converts 5 V or 12 V to an adjustable output ranging
V-Only Systems
from 1.8VDC to 2.05VDC in 50 mV steps and
2.1VDC to 3.5VDC in 100 mV steps with 1% DC
Low Offset Current Sense Amplifier
system accuracy.
Programmable Oscillator Frequency Practical
to 700 kHz
Foldback Current Limiting
Overvoltage and Undervoltage Fault Windows
2-
Ω Totem Pole Outputs with Programmable
Dead Times to Eliminate Cross-Conduction
Chip Disable Function
BLOCK DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC3882N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3882 TI-UCC3882 Datasheet
579Kb / 14P
[Old version datasheet]   Average Current Mode Synchronous Controller With 5-Bit DAC
UCC3882-1 TI-UCC3882-1 Datasheet
579Kb / 14P
[Old version datasheet]   Average Current Mode Synchronous Controller With 5-Bit DAC
More results

Similar Description - UCC3882N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2882- TI-UCC2882- Datasheet
579Kb / 14P
[Old version datasheet]   Average Current Mode Synchronous Controller With 5-Bit DAC
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
logo
Texas Instruments
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com