Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8316-EVAL Datasheet(PDF) 4 Page - Analog Devices

Part # AD8316-EVAL
Description  Dual Output GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316-EVAL Datasheet(HTML) 4 Page - Analog Devices

  AD8316-EVAL Datasheet HTML 1Page - Analog Devices AD8316-EVAL Datasheet HTML 2Page - Analog Devices AD8316-EVAL Datasheet HTML 3Page - Analog Devices AD8316-EVAL Datasheet HTML 4Page - Analog Devices AD8316-EVAL Datasheet HTML 5Page - Analog Devices AD8316-EVAL Datasheet HTML 6Page - Analog Devices AD8316-EVAL Datasheet HTML 7Page - Analog Devices AD8316-EVAL Datasheet HTML 8Page - Analog Devices AD8316-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. C
–4–
AD8316
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0.2
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.9GHz
1.9GHz
2.5GHz
0.1GHz
INPUT AMPLITUDE – dBV
TPC 1. VSET vs. Input Amplitude
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.2
–1
–2
–4
1
0
4
2
3
–3
INPUT AMPLITUDE – dBV
–30 C
+25 C
+85 C
–30 C
+25 C
+85 C
TPC 2. VSET and Log Conformance vs. Input
Amplitude at 0.1 GHz
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.2
–1
–2
–4
1
0
4
2
3
–3
INPUT AMPLITUDE – dBV
–30 C
+25 C
+85 C
–30 C
+25 C
+85 C
TPC 3. VSET and Log Conformance vs. Input
Amplitude at 0.9 GHz
INPUT AMPLITUDE – dBm
–1
–60
–2
–4
–40
–30
–20
0
1
–10
0
10
4
2
3
–50
–73
–53
–43
–33
–13
–23
–3
–63
–3
INPUT AMPLITUDE – dBV
1.9GHz
1.9GHz
0.9GHz
2.5GHz
0.1GHz
TPC 4. Log Conformance vs. Input Amplitude at
Selected Frequencies
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.2
INPUT AMPLITUDE – dBV
–1
–2
–4
1
0
4
2
3
–3
+25 C
–30 C
+85 C
+25 C
–30 C
+85 C
TPC 5. VSET and Log Conformance vs. Input
Amplitude at 1.9 GHz
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.2
INPUT AMPLITUDE – dBV
–1
–2
–4
1
0
4
2
3
–3
+25 C
–30 C
+85 C
+25 C
–30 C
+85 C
TPC 6. VSET and Log Conformance vs. Input
Amplitude at 2.5 GHz
–Typical Performance Characteristics


Similar Part No. - AD8316-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
   Low Distortion Mixer
REV. B
AD831 AD-AD831 Datasheet
436Kb / 16P
   Low Distortion Mixer
REV. C
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8310 AD-AD8310 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310-EVAL AD-AD8310-EVAL Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
More results

Similar Description - AD8316-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
   Dual Band GSM Power Controller
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com