Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8316-EVAL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8316-EVAL
Description  Dual Output GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316-EVAL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8316-EVAL Datasheet HTML 2Page - Analog Devices AD8316-EVAL Datasheet HTML 3Page - Analog Devices AD8316-EVAL Datasheet HTML 4Page - Analog Devices AD8316-EVAL Datasheet HTML 5Page - Analog Devices AD8316-EVAL Datasheet HTML 6Page - Analog Devices AD8316-EVAL Datasheet HTML 7Page - Analog Devices AD8316-EVAL Datasheet HTML 8Page - Analog Devices AD8316-EVAL Datasheet HTML 9Page - Analog Devices AD8316-EVAL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. C
–6–
AD8316
FREQUENCY – GHz
0
0.5
1.0
23
21
20
1.5
2.0
2.5
+25 C
22
+85 C
–30 C
TPC 13. Slope vs. Frequency at Selected Temperatures
VS – V
2.5
3.0
3.5
22.5
21.0
20.5
4.0
4.5
5.0
22.0
0.9GHz
0.1GHz
1.9GHz
2.5GHz
21.5
5.5
TPC 14. Slope vs. Supply Voltage
FREQUENCY – Hz
1
10
100
50
1k
10k
100k
1M
40
30
20
10
0
–10
–20
–30
–40
–50
–60
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
–210
10M
100M
CFLT = 0pF
CFLT = 220pF
TPC 15. AC Response from VSET to OUT1 and OUT2
FREQUENCY – GHz
0
–66
–68
0.5
1.0
2.0
1.5
–64
–60
–62
–30 C
+25 C
+85 C
2.5
TPC 16. Intercept vs. Frequency at Selected Temperatures
VS – V
2.5
–68
–70
3.0
3.5
5.0
4.5
–64
–58
–60
0.1GHz
5.5
–62
–66
4.0
0.9GHz
1.9GHz
2.5GHz
TPC 17. Intercept vs. Supply Voltage
FREQUENCY – Hz
100
10
1k
10k
10M
1M
10000
1000
100M
100
100k
–50dBm
–40dBm
–25dBm
0dBm
–20dBm
–10dBm
RF INPUT
28dBm
TPC 18. Output Noise Spectral Density, RL = ,
CFLT = 220 pF, by RF Input Amplitude


Similar Part No. - AD8316-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
   Low Distortion Mixer
REV. B
AD831 AD-AD831 Datasheet
436Kb / 16P
   Low Distortion Mixer
REV. C
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8310 AD-AD8310 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310-EVAL AD-AD8310-EVAL Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
More results

Similar Description - AD8316-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
   Dual Band GSM Power Controller
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com