Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFRRUB25K5 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EFRRUB25K5
Description  Ultrasonic Ceramic Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFRRUB25K5 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EFRRUB25K5 Datasheet HTML 1Page - Panasonic Semiconductor EFRRUB25K5 Datasheet HTML 2Page - Panasonic Semiconductor EFRRUB25K5 Datasheet HTML 3Page - Panasonic Semiconductor EFRRUB25K5 Datasheet HTML 4Page - Panasonic Semiconductor EFRRUB25K5 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Ð EF72 Ð
Ultrasonic Ceramic Sensors
(Ultrasonic Ceramic Transducers)
Type:
U/H/S/Q
Ultrasonic Ceramic Sensor consisting of a disc type/a
bimorph type piezoelectric ceramic vibrator is a sensor
for transmitting and receiving ultrasonic wave in the air.
s
Features
q
High output S.P.L.: 112 dB min. (Ex. EFRTUB40K5)
q
High sensitivity: Ð45 dB min. (Ex. EFRRUB40K5)
q
Excellent temperature and humidity durability
q
Small in size
q
Applicable to multi-function remote control system
because of its wide bandwidth
Ultrasonic Ceramic Sensors
s
Explanation of Part Numbers
E
1
F
2
R
3
4
5
6
7
8
9
10
11
Design No.
E
F
Type
U
H
S
Q
Standard Type
Compact Type
Temperature
Stable Type
Enclosed Type
Product Code
Ultrasonic
Ceramic Sensors
EFR
Nominal
Frequency
Applications
R
T
For reception use
For transmission use
Construction of Element
B
Bimorph Type
25K
40K
25 kHz
40 kHz
s
Recommended Applications
Ultrasonic wave transmitter and receiver for;
q
Proximity switch for burglar alarm system, parking
meter and automatic door opener
q
Remote control equipment for such as air conditioner
and garage door opener


Similar Part No. - EFRRUB25K5

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
EFR OSRAM-EFR Datasheet
105Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
EFR-5/X OSRAM-EFR-5/X Datasheet
105Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
logo
Kemet Corporation
EFR005-240X240T0800 KEMET-EFR005-240X240T0800 Datasheet
57Kb / 1P
   Flex Suppressors, Commercial Grade, EFR
EFR01-240X240T0800 KEMET-EFR01-240X240T0800 Datasheet
889Kb / 13P
   Radiation noise suppression for electronic equipment
logo
STEGO Elektrotechnik Gm...
EFR012 STEGO-EFR012 Datasheet
242Kb / 1P
   ELECTRONIC HYGROSTAT
19.03.2019
More results

Similar Description - EFRRUB25K5

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com