Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67006-A9402 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # Q67006-A9402
Description  TrilithIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67006-A9402 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button Q67006-A9402 Datasheet HTML 6Page - Infineon Technologies AG Q67006-A9402 Datasheet HTML 7Page - Infineon Technologies AG Q67006-A9402 Datasheet HTML 8Page - Infineon Technologies AG Q67006-A9402 Datasheet HTML 9Page - Infineon Technologies AG Q67006-A9402 Datasheet HTML 10Page - Infineon Technologies AG Q67006-A9402 Datasheet HTML 11Page - Infineon Technologies AG Q67006-A9402 Datasheet HTML 12Page - Infineon Technologies AG Q67006-A9402 Datasheet HTML 13Page - Infineon Technologies AG Q67006-A9402 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
BTS 7750 GP
Data Sheet
10
2001-02-01
Output stages
Inverse diode of high-side
switch; Forward-voltage
V
FH
–0.8
1.2
V
I
FH = 3 A
Inverse diode of lowside
switch; Forward-voltage
V
FL
–0.8
1.2
V
I
FL = 3 A
Static drain-source
on-resistance of highside
switch
R
DS ON H
7090m
τ ISH =1A
T
j = 25
C
Static drain-source
on-resistance of lowside
switch
R
DS ON L
4560m
τ ISL =1 A;
V
GL = 5 V
T
j = 25
C
Static path on-resistance
R
DS ON
––285
m
τ R
DS ON H +RDS ON L
I
SH =1A;
Short Circuit of highside switch to GND
Initial peak SC current
I
SCP H
14
15
18
A
T
j = – 40 °C
10
12
15
A
T
j = + 25 °C
78.5
10
A
T
j = + 150 °C
Short Circuit of highside switch to
V
S
Output pull-down-resistor
R
O
8
1535k
τ
V
DSL = 3 V
Short Circuit of lowside switch to
V
S
Initial peak SC current
I
SCP L
21
28
34
A
T
j = – 40
C
16
22
27
A
T
j = 25
C
11
14
18
A
T
j = 150
C
3.3
Electrical Characteristics (cont’d)
I
SH1 = ISH2 = ISL1 = ISL2 = 0 A; – 40
C < Tj < 150 C; 8 V < VS < 18 V
unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ.
max.


Similar Part No. - Q67006-A9402

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67006-A9400 INFINEON-Q67006-A9400 Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
Q67006-A9405 INFINEON-Q67006-A9405 Datasheet
210Kb / 18P
   5-V Low-Drop Voltage Regulator
Rev. 1.4 2001-10-18
Q67006-A9408 INFINEON-Q67006-A9408 Datasheet
210Kb / 18P
   5-V Low-Drop Voltage Regulator
Rev. 1.4 2001-10-18
Q67006-A9409 INFINEON-Q67006-A9409 Datasheet
422Kb / 10P
   Low-Drop Voltage Regulator
Rev. 1.0 2002-02-13
More results

Similar Description - Q67006-A9402

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
logo
Infineon Technologies A...
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com