Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L431 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # L431
Description  2.5V Low-Voltage Adjustable Precision Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

L431 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button L431 Datasheet HTML 3Page - List of Unclassifed Manufacturers L431 Datasheet HTML 4Page - List of Unclassifed Manufacturers L431 Datasheet HTML 5Page - List of Unclassifed Manufacturers L431 Datasheet HTML 6Page - List of Unclassifed Manufacturers L431 Datasheet HTML 7Page - List of Unclassifed Manufacturers L431 Datasheet HTML 8Page - List of Unclassifed Manufacturers L431 Datasheet HTML 9Page - List of Unclassifed Manufacturers L431 Datasheet HTML 10Page - List of Unclassifed Manufacturers L431 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
2.5V Low-Voltage Adjustable
Precision Shunt Regulator
NIKO-SEM
L431
JAN-08-Y02
SOT-23 (M5) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
1.0
1.10
1.30
e
1.90(TYP)
A1
0.00
0.10
H
2.60
2.80
3.00
A2
0.70
0.80
0.90
L
0.37
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80


Similar Part No. - L431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
L431LM3B ETC2-L431LM3B Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
L431LM5B ETC2-L431LM5B Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
L431LNB ETC2-L431LNB Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
L431LVB ETC2-L431LVB Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - L431

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com