Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A471K15X7RH5UAA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # A471K15X7RH5UAA
Description  Leaded ceramic multilayer capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A471K15X7RH5UAA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button A471K15X7RH5UAA Datasheet HTML 6Page - List of Unclassifed Manufacturers A471K15X7RH5UAA Datasheet HTML 7Page - List of Unclassifed Manufacturers A471K15X7RH5UAA Datasheet HTML 8Page - List of Unclassifed Manufacturers A471K15X7RH5UAA Datasheet HTML 9Page - List of Unclassifed Manufacturers A471K15X7RH5UAA Datasheet HTML 10Page - List of Unclassifed Manufacturers A471K15X7RH5UAA Datasheet HTML 11Page - List of Unclassifed Manufacturers A471K15X7RH5UAA Datasheet HTML 12Page - List of Unclassifed Manufacturers A471K15X7RH5UAA Datasheet HTML 13Page - List of Unclassifed Manufacturers A471K15X7RH5UAA Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2002 Sep 10
10
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-axialTM series
ELECTRICAL CHARACTERISTICS
Table 3
Electrical data for NP0, X7R, Z5U and Y5V
The capacitors meet the essential requirements of “EIA 198”.
Unless stated otherwise all electrical values apply at an ambient temperature of 25
±3 °C, at barometric pressures of
650 to 800 mm of mercury, and relative humidity not to exceed 75%.
DESCRIPTION
VALUE
Capacitors with temperature coefficient NP0
Capacitance range:
at 1MHz, 1V; where C
≤ 1000 pF
10 to 1000 pF
at 1 kHz, 1 V; where C
> 1000 pF
1200 to 5600 pF
Tolerance on the capacitance
±5%; ±10%
Rated DC voltage
50 and 100 V
Dielectric strength
250% of rated voltage
Insulation resistance at rated voltage
100000 M
Ω or 1000 MΩ× µF, whichever is less at rated
voltage within 2 minutes of charging
Temperature coefficient of the capacitance
0
× 10−6/K
Tolerance on the temperature coefficient
±30 × 10−6/K
Dissipation factor:
at 1MHz, 1V; where C
≤ 30 pF
<
at 1 kHz, 1 V; where C
> 30 pF
<15 × 10−4
Operating temperature range
−55 to +125 °C
Storage temperature range
25
±15 °C
Capacitors with temperature coefficient X7R
Capacitance range at 1 kHz, 1 V
100 pF to 0.22
µF
Tolerance on the capacitance
±10%; ±20%
Maximum capacitance change
with respect to capacitance value at 25
°C
±15%
Rated DC voltage
50 V and 100 V
Dielectric strength
250% of rated voltage
Insulation resistance at rated voltage
100000 M
Ω or 1000 MΩ× µF, whichever is less at rated
voltage within 2 minutes of charging
Dissipation factor at 1 kHz, 1 V
≤2.5%
Operating temperature range
−55 to +125 °C
Storage temperature range
25
±15 °C
Ageing
typical 1% per time decade
1
400
20
C
×
+
()
--------------------------------------


Similar Part No. - A471K15X7RH5UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A471K15C0GF5TAA VISHAY-A471K15C0GF5TAA Datasheet
102Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Revision: 16-Aug-12
More results

Similar Description - A471K15X7RH5UAA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com