Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD-011M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AD-011M
Description  SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AD-011M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AD-011M Datasheet HTML 1Page - List of Unclassifed Manufacturers AD-011M Datasheet HTML 2Page - List of Unclassifed Manufacturers AD-011M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Amplasare componente fig 2.
Sursa nu necesita reglaje la punerea in functiune .
Nou !!!!!!!!!
AD-049
• SURSA DE TENSIUNE POZITIVA
REGLABILA 1.23Vcc-30Vcc
AD-051
• SURSA DE TENSIUNE PENTRU AMPLIFICATOARE
DE PUTERE +/-35Vcc/6A / +/-12Vcc/1A ( FARA TRANSFORMATOR )
AD-018
• MIXER AUDIO STEREO 4 INTRARI STEREO + 2 MICROFON
AD-056
• COMUTATOR VIDEO 8 INTRARI /1 OUT TACT MANUAL SI
AUTOMAT REGLABIL
AD-011M
VUMETRU MONO 12 LEDURI
AD-057
VOICE RECORDER 20 SECUNDE /PLAY /REC /
S.C. ADELAIDA IMPEX SRL va ofera din stoc si la comanda o gama variata de
componente electronice aparatura de masura, module electronice ,voltmetre ,
termometre numerice ,timere , kituri electronice, conectica , literatura tehnica .
OP 1 CP 231 CRAIOVA TEL /FAX 0251-413.620 / 0251-415.995
E-mail : office@adelaida.ro / http ://www.adelaida.ro


Similar Part No. - AD-011M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-0028S BOTHHAND-AD-0028S Datasheet
279Kb / 1P
   ADSL FREQUENCY FILTER INDUCTORS
logo
National Semiconductor ...
AD-03 NSC-AD-03 Datasheet
43Kb / 4P
   Effects of Aperture Time and Jitter in a Sampled Data System
More results

Similar Description - AD-011M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBH15-03 SANYO-SBH15-03 Datasheet
18Kb / 3P
   30V, 1.5A Rectifier
logo
Rohm
US6X6 ROHM-US6X6_1 Datasheet
75Kb / 3P
   Low frequency amplifier (30V, 1.5A)
logo
Torex Semiconductor
XP233P1501TR-G TOREX-XP233P1501TR-G Datasheet
309Kb / 6P
   P-channel MOSFET -30V, -1.5A
logo
Rohm
US6T7 ROHM-US6T7_1 Datasheet
75Kb / 3P
   Low frequency amplifier (-30V, -1.5A)
logo
Microchip Technology
TC4431 MICROCHIP-TC4431_03 Datasheet
334Kb / 17P
   1.5A High-Speed 30V MOSFET Drivers
2003
logo
Sanyo Semicon Device
SBM1503S SANYO-SBM1503S Datasheet
45Kb / 3P
   Schottky Barrier Diode 30V, 1.5A Rectifier
logo
Microchip Technology
TC4432VOA MICROCHIP-TC4432VOA Datasheet
293Kb / 18P
   1.5A High-Speed 30V MOSFET Drivers
10/05/07
logo
Sanyo Semicon Device
SBH1503S SANYO-SBH1503S Datasheet
45Kb / 3P
   Schottky Barrier Diode 30V, 1.5A Rectifier
logo
Microchip Technology
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4431 TELCOM-TC4431 Datasheet
61Kb / 4P
   1.5A HIGH-SPEED 30V MOSFET DRIVERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com