Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5616 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5616
Description  High-Efficiency, Constant-Current LED Driver with Adaptive Charge Pump
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5616 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5616 Datasheet HTML 1Page - Fairchild Semiconductor FAN5616 Datasheet HTML 2Page - Fairchild Semiconductor FAN5616 Datasheet HTML 3Page - Fairchild Semiconductor FAN5616 Datasheet HTML 4Page - Fairchild Semiconductor FAN5616 Datasheet HTML 5Page - Fairchild Semiconductor FAN5616 Datasheet HTML 6Page - Fairchild Semiconductor FAN5616 Datasheet HTML 7Page - Fairchild Semiconductor FAN5616 Datasheet HTML 8Page - Fairchild Semiconductor FAN5616 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
FAN5616 Rev. 1.0.0
Absolute Maximum Ratings (Note1)
Recommended Operating Conditions
Notes:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Absolute maximum ratings apply individually only, not in combination.
Unless otherwise specified all other voltages are referenced to GND.
2. Junction to ambient thermal resistance,
θJA, is a strong function of PCB material, board thickness, thickness
and number of via used, diameter of via used, available copper surface, and attached heat sink characteristics.
A reasonable estimated value for
θJA for zero air flow at 0.5W is 60°C/W.
3. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
Parameter
Min
Max
Unit
VIN, VOUT, EN1, EN2, GND
-0.3
6
V
Voltage On All Other Pins
GND – 0.3
VIN + 0.3
V
CAP+, CAP- to GND
-0.3
VIN + 0.3
V
Thermal Resistance – Junction to Tab (
θJC) (Note 2)
8
°C/W
Lead Soldering Temperature (10 seconds)
260
°C
Junction Temperature
150
°C
Storage Temperature
-65
150
°C
Electrostatic Discharge Protection (ESD) Level (Note 3)
HBM
2.5
kV
CDM
1.5
Parameter
Min
Max
Unit
Supply Voltage Range
2.5
5.5
V
LED Forward Voltage
4
V
Current Through Each LED
2
40
mA
PWM Dimming Signal Frequency
0.2
50
kHz
Operating Ambient Temperature
-40
+85
°C
Operating Junction Temperature
-40
+125
°C


Similar Part No. - FAN5616

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
FAN5610MPX FAIRCHILD-FAN5610MPX Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5611 FAIRCHILD-FAN5611 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
FAN5611MPX FAIRCHILD-FAN5611MPX Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
More results

Similar Description - FAN5616

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Fairchild Semiconductor
FAN5609 FAIRCHILD-FAN5609 Datasheet
112Kb / 11P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
STMicroelectronics
STP2CMP STMICROELECTRONICS-STP2CMP Datasheet
1Mb / 23P
   Low voltage 2-channel constant current LED driver with charge pump
April 2015 Rev 2
STP4CMPQTR STMICROELECTRONICS-STP4CMPQTR Datasheet
861Kb / 22P
   Low voltage 4-channel constant current LED driver with charge pump
STP4CMP STMICROELECTRONICS-STP4CMP Datasheet
1Mb / 24P
   Low voltage 4-channel constant current LED driver with charge pump
April 2015 Rev 3
logo
SHANGHAI BELLING CO., L...
BL8587 BELLING-BL8587 Datasheet
283Kb / 8P
   High Efficiency Charge Pump 4-Channels LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com