Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLI3215PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLI3215PBF
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI3215PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLI3215PBF Datasheet HTML 1Page - International Rectifier IRLI3215PBF Datasheet HTML 2Page - International Rectifier IRLI3215PBF Datasheet HTML 3Page - International Rectifier IRLI3215PBF Datasheet HTML 4Page - International Rectifier IRLI3215PBF Datasheet HTML 5Page - International Rectifier IRLI3215PBF Datasheet HTML 6Page - International Rectifier IRLI3215PBF Datasheet HTML 7Page - International Rectifier IRLI3215PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLI3215PbF
2
www.irf.com
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ Starting TJ = 25°C, L = 4.9mH
RG = 25Ω, IAS = 7.2A. (See Figure 12)
ƒ ISD ≤ 7.2A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Caculated continuous current based on maximum allowable
junction temperature; for recommended current-handling of the
package refer to Design Tip # 93-4.
† Uses IRL3215 data and test conditions.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 7.2A, VGS = 0V
„
trr
Reverse Recovery Time
–––
160
240
ns
TJ = 25°C, IF = 7.2A
Qrr
Reverse RecoveryCharge
––– 810 1210
nC
di/dt = 100A/µs
„†
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
12
…
48
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.20 –––
V/°C Reference to 25°C, ID = 1mA
†
–––
––– 0.166
VGS = 10V, ID = 7.2A
„
–––
––– 0.184
VGS = 5.0V, ID = 7.2A
„
–––
––– 0.208
VGS = 4.0V, ID = 6A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
8.3
–––
–––
S
VDS = 25V, ID = 7.2A
†
–––
–––
25
µA
VDS = 150V, VGS = 0V
–––
–––
250
VDS = 120V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -16V
Qg
Total Gate Charge
–––
–––
35
ID = 7.2A
Qgs
Gate-to-Source Charge
–––
–––
4.1
nC
VDS = 120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
21
VGS = 5.0V, See Fig. 6 and 13
„†
td(on)
Turn-On Delay Time
–––
7.4
–––
VDD = 75V
tr
Rise Time
–––
45
–––
ns
ID = 7.2A
td(off)
Turn-Off Delay Time
–––
38
–––
RG = 12Ω, VGS = 5.0V
tf
Fall Time
–––
36
–––
RD = 10.2Ω, See Fig. 10
„†
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
775
–––
VGS = 0V
Coss
Output Capacitance
–––
140
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
70
–––
ƒ = 1.0MHz, See Fig. 5
†
nH
IGSS
S
D
G
LS
InternalSourceInductance
–––
7.5
–––
RDS(on)
StaticDrain-to-SourceOn-Resistance
LD
InternalDrainInductance
–––
4.5
–––
IDSS
Drain-to-SourceLeakageCurrent


Similar Part No. - IRLI3215PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLI3103 IRF-IRLI3103 Datasheet
153Kb / 8P
   HEXFET Power MOSFET
IRLI3303 IRF-IRLI3303 Datasheet
154Kb / 8P
   HEXFET Power MOSFET
IRLI3615 IRF-IRLI3615 Datasheet
100Kb / 8P
   HEXFET Power MOSFET
IRLI3615PBF IRF-IRLI3615PBF Datasheet
165Kb / 8P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLI3615PBF VBSEMI-IRLI3615PBF Datasheet
1Mb / 9P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - IRLI3215PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com