Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1856E-030 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1856E-030
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856E-030 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1856E-030 Datasheet HTML 6Page - Maxim Integrated Products DS1856E-030 Datasheet HTML 7Page - Maxim Integrated Products DS1856E-030 Datasheet HTML 8Page - Maxim Integrated Products DS1856E-030 Datasheet HTML 9Page - Maxim Integrated Products DS1856E-030 Datasheet HTML 10Page - Maxim Integrated Products DS1856E-030 Datasheet HTML 11Page - Maxim Integrated Products DS1856E-030 Datasheet HTML 12Page - Maxim Integrated Products DS1856E-030 Datasheet HTML 13Page - Maxim Integrated Products DS1856E-030 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Dual, Temperature-Controlled Resistors with Inter-
nally Calibrated Monitors and Password Protection
10
____________________________________________________________________
Monitored Signals
Each signal (VCC, MON1, MON2, MON3, and tempera-
ture) is available as a 16-bit value with 12-bit accuracy
(left-justified) over the serial bus. See Table 1 for signal
scales and Table 2 for signal format. The four LSBs
should be masked when calculating the value. The 3
LSBs are internally masked with 0s.
The signals are updated every frame rate (tframe) in a
round-robin fashion.
The comparison of all five signals with the high and low
user-defined values are done automatically. The corre-
sponding flags are set to 1 within a specified time of
the occurrence of an out-of-limit condition.
Calculating Signal Values
The LSB = 100µV for VCC, and the LSB = 38.147µV for
the MON signals when using factory default settings.
To calculate VCC, convert the unsigned 16-bit value to
decimal and multiply by 100µV.
To calculate MON1, MON2, or MON3, convert the
unsigned 16-bit value to decimal and multiply by
38.147µV.
To calculate the temperature, treat the two’s comple-
ment value binary number as an unsigned binary num-
ber, then convert to decimal and divide by 256. If the
result is greater than or equal to 128, subtract 256 from
the result.
Temperature: high byte: -128
°C to +127°C signed; low
byte: 1/256
°C.
SIGNAL
+FS
SIGNAL
+FS
(hex)
-FS
SIGNAL
-FS
(hex)
Temperature +127.984
°
7FFC
-128
°C
8000
VCC
6.5528V
FFF8
0V
0000
MON1
2.4997V
FFF8
0V
0000
MON2
2.4997V
FFF8
0V
0000
MON3
2.4997V
FFF8
0V
0000
Table 1. Scales for Monitor Channels at
Factory Setting
SIGNAL
FORMAT
VCC
Unsigned
MON1
Unsigned
MON2
Unsigned
MON3
Unsigned
Temperature
Two’s complement
Table 2. Signal Comparison
TEMPERATURE
(°C)
CORRESPONDING LOOK-UP
TABLE ADDRESS
<-40
80h
-40
80h
-38
81h
-36
82h
-34
83h
——
+98
C5h
+100
C6h
+102
C7h
>+102
C7h
Table 3. Look-Up Table Address for
Corresponding Temperature Values
MSB
215
214
213
212
211
210
29
28
LSB
27
26
25
24
23
22
21
20
MSB (BIN)
LSB (BIN)
VOLTAGE (V)
10000000
10000000
3.29
11000000
11111000
4.94
S26
25
24
23
22
21
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
MSB (BIN)
LSB (BIN)
TEMPERATURE (
°C)
01000000
00000000
+64
01000000
00001111
+64.059
01011111
00000000
+95
11110110
00000000
-10
11011000
00000000
-40
MSB (BIN)
LSB (BIN)
VOLTAGE (V)
11000000
00000000
1.875
10000000
10000000
1.255
Monitor/VCC Bit Weights
Temperature Bit Weights
Monitor Conversion Example
VCC Conversion Examples
Temperature Conversion Examples


Similar Part No. - DS1856E-030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856E-M50++ MAXIM-DS1856E-M50+ Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856E-M50+R MAXIM-DS1856E-M50+R Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856E-M50+T MAXIM-DS1856E-M50+T Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
More results

Similar Description - DS1856E-030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com