Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCD66740BP Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HCD66740BP
Description  112 x 80-dot Graphics LCD Controller/Driver
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HCD66740BP Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HCD66740BP Datasheet HTML 7Page - Hitachi Semiconductor HCD66740BP Datasheet HTML 8Page - Hitachi Semiconductor HCD66740BP Datasheet HTML 9Page - Hitachi Semiconductor HCD66740BP Datasheet HTML 10Page - Hitachi Semiconductor HCD66740BP Datasheet HTML 11Page - Hitachi Semiconductor HCD66740BP Datasheet HTML 12Page - Hitachi Semiconductor HCD66740BP Datasheet HTML 13Page - Hitachi Semiconductor HCD66740BP Datasheet HTML 14Page - Hitachi Semiconductor HCD66740BP Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
HD66740
11
Table 2
Pin Functional Description (cont)
Signals
Number of
Pins
I/O
Connected to
Functions
C1+, C1–
8
Booster
capacitance
External capacitance should be connected here for
boosting.
C2+, C2–
6
Booster
capacitance
External capacitance should be connected here when
using the triple or more booster.
C3+, C3–
6
Booster
capacitance
External capacitance should be connected here when
using the quadruple and five-times booster.
C4+, C4–
6
Booster
capacitance
External capacitance should be connected here when
using the five-times booster.
RESET*
1
I
MPU or external
R-C circuit
Reset pin. Initializes the LSI when low.
OPOFF
1
I
V
CC or GND
Turns the internal operational amplifier off when
OPOFF = V
CC, and turns it on when OPOFF = GND. If
the amplifier is turned off (OPOFF = V
CC), V1 to V5
must be supplied to the V1OUT to V5OUT pins.
VccDUM
1
O
Input pins
Outputs the internal V
CC level; shorting this pin sets the
adjacent input pin to the V
CC level.
GNDDUM
1
O
Input pins
Outputs the internal GND level; shorting this pin sets
the adjacent input pin to the GND level.
Dummy
5
Dummy pad.
Must be left disconnected.
TEST
1
I
GND
Test pin.
Must be fixed at GND level.
VTEST1
1
I
GND or V
CC
Adjusts the driving capability of the internal operationa
amplifier for the LCD.
This signal enters the normal
drive mode in the GND side, and it enters the high-
power drive mode in the V
CC side.
When the display
quality is not sufficient, use the high-power drive mode
even though the power-consumption current is large.
VTEST2
1
Test pin.
Must be left disconnected.
VTEST3
1
I
V
CC or GND
Adjusts the driving capability of the internal operationa
amplifier for the LCD.
This signal enters the normal
drive mode or high-power mode in the GND side
according to the VTEST1 pin setting, and it enters the
low-power drive mode in the V
CC side.
Use this signa
in the low-power mode so that the display quality is no
lowered.


Similar Part No. - HCD66740BP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HCD66710A00 HITACHI-HCD66710A00 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HCD66712UA02 HITACHI-HCD66712UA02 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
HCD66712UA03 HITACHI-HCD66712UA03 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
HCD66712UA03BP HITACHI-HCD66712UA03BP Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
HCD66717A03 HITACHI-HCD66717A03 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
More results

Similar Description - HCD66740BP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66728 HITACHI-HD66728 Datasheet
5Mb / 134P
   (112 x 80-dot Graphics LCD Controller/Driver)
HD66760 HITACHI-HD66760 Datasheet
653Kb / 105P
   104 X 80-dot Graphics LCD Controller/Driver for 256 Colors
HD66766R HITACHI-HD66766R Datasheet
665Kb / 97P
   132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Hitachi Semiconductor
HD66750 HITACHI-HD66750 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
logo
OKI electronic componet...
MSM5265 OKI-MSM5265 Datasheet
159Kb / 18P
   80-DOT LCD DRIVER
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
   80-DOT LCD SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com