Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

9-1393211-1 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 9-1393211-1
Description  T92 Series Two-pole Power Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1393211-1 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  9-1393211-1 Datasheet HTML 1Page - TE Connectivity Ltd 9-1393211-1 Datasheet HTML 2Page - TE Connectivity Ltd 9-1393211-1 Datasheet HTML 3Page - TE Connectivity Ltd 9-1393211-1 Datasheet HTML 4Page - TE Connectivity Ltd 9-1393211-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
04-2021, Rev. 0421
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
High Power PCB Relays
T92 Series Two-pole Power Relay (Continued)
Potter & Brumfield
Product Code
Enclosure
Contacts
Coil
Mounting
Contact Material
Coil
Part Number
 T92P7A22-24
Plastic dust cover
2 form A, 2 NO
AC
Panel mount + quick connect
AgCdO
24 VAC
6-1393211-0 
 T92P7A22-120
120 VAC
5-1393211-7 
 T92P7A22-240
240 VAC
6-1393211-2 
 T92P7A22-277
277 VAC
6-1393211-3 
 T92P7A24-240
AgSnOInO
240 VAC
3-1423008-3 
 T92P7A52-120
Panel mount + screw terminals
AgCdO
120 VAC
1423008-8 
 T92P7A52-240
240 VAC
1-1423008-2 
 T92P7D12-12
DC
PCB terminals
12 VDC
6-1393211-5 
T92P7D14-12
AgSnOInO
12 VDC
2-1423008-1
 T92P7D12-24
AgCdO
24 VDC
6-1393211-6 
 T92P7D22-12
Panel mount + quick connect
12VDC
6-1393211-9 
 T92P7D22-24
24 VDC
7-1393211-1 
 T92P7D22-48
48 VDC
7-1393211-2 
 T92P7D24-12
AgSnOInO
12VDC
2-1423008-2 
 T92P7D24-24
24 VDC
1423008-9 
 T92P7D42-24
AgCdO
7-1393211-5 
 T92P7D52-12
Panel mount + screw terminals
12 VDC
1-1423008-0 
 T92P7D52-24
24 VDC
1423967-1 
 T92P11A12-120
2 form C, 2 CO
AC
PCB terminals
120 VAC
3-1393211-8 
 T92P11A22-12
Panel mount + quick connect
12 VAC
3-1393211-9 
 T92P11A22-24
24 VAC
4-1393211-3 
 T92P11A22-120
120 VAC
4-1393211-0 
 T92P11A22-240
240 VAC
4-1393211-4 
 T92P11A22-277
277 VAC
4-1393211-6 
 T92P11A24-240
AgSnOInO
240 VAC
3-1423008-7 
 T92P11A42-120
AgCdO
120VAC
4-1393211-8 
 T92P11D12-12
DC
PCB terminals
12 VDC
5-1393211-0 
 T92P11D22-12
Panel mount + quick connect
5-1393211-3 
 T92P11D22-24
24 VDC
5-1393211-4 
 T92P11D24-12
AgSnOInO
12 VDC
3-1423008-5 
 T92P11D24-24
24 VDC
3-1423008-6 
 T92S7A12-24
Wash tight
2 form A, 2 NO
AC
PCB terminals
AgCdO
24 VAC
9-1393211-8 
 T92S7A12-120
120 VAC
9-1393211-7 
 T92S7A12-240
240 VAC
9-1393211-9 
 T92S7A22-24
Top sealed
Panel mount + quick connect
24 VAC
1393212-4 
 T92S7A22-120
120 VAC
1393212-2 
 T92S7A22-240
240 VAC
1393212-5 
 T92S7D12-12
Wash tight
DC
PCB terminals
12 VDC
1393212-8 
 T92S7D12-24
24 VDC
1-1393212-0 
 T92S7D12-48
48 VDC
1-1393212-1 
 T92S7D12-110
110 VDC
1393212-7 
T92S7D14-12
AgSnOInO
12 VDC
1-1423008-6
 T92S7D14-24
24 VDC
1-1423008-8 
 T92S7D22-12
Top sealed
Panel mount + quick connect
AgCdO
12 VDC
1-1393212-4 
 T92S7D22-18
18 VDC
1-1393212-5 
 T92S7D22-24
24 VDC
1-1393212-7 
 T92S7D22-110
110 VDC
1-1393212-3 
 T92S11A12-24
Wash tight
2 form C, 2 CO
AC
PCB terminals
24 VAC
8-1393211-1 
 T92S11A12-120
120 VAC
8-1393211-0 
 T92S11A12-240
240 VAC
8-1393211-2 
 T92S11A22-12
Top sealed
Panel mount + quick connect
12 VAC
8-1393211-3 
 T92S11A22-24
24 VAC
8-1393211-6 
 T92S11A22-120
120 VAC
8-1393211-4 
 T92S11A22-240
240 VAC
8-1393211-7 
 T92S11D12-12
Wash tight
DC
PCB terminals
12 VDC
8-1393211-9 
 T92S11D12-24
24 VDC
9-1393211-0 
 T92S11D12-48
48 VDC
9-1393211-1 
 T92S11D12-110
110 VDC
8-1393211-8 
 T92S11D22-12
Top sealed
Panel mount + quick connect
12 VDC
9-1393211-3 
 T92S11D22-24
24 VDC
9-1393211-4 
T92P7D12-12-99
Plastic dust cover
2 form A, 2 NO
DC
PCB terminals
AgCdO
12VDC
2-2071223-3
T92S7D1X-12-99
Wash tight
Special Ag Alloy
12VDC
6-1423008-1
T92S7D2X-12-99
Panel mount + quick connect
X (Cd Free)
12VDC
6-1423008-2
T92S7A22-240-00
Top Sealed(WG)
AC
AgCdO
240VAC
2-2071223-4
T92S7D12-12-00
Wash tight (WG)
DC
PCB terminals
12VDC
1-2071223-7
Note. This list represents the most common types and does not show all variants covered by this datasheet, other types on request.


Similar Part No. - 9-1393211-1

ManufacturerPart #DatasheetDescription
TE Connectivity Ltd
TE Connectivity Ltd
9-1393211-1 TEC-9-1393211-1 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
More results

Similar Description - 9-1393211-1

ManufacturerPart #DatasheetDescription
Tyco Electronics
Tyco Electronics
T92P7D12-24 MACOM-T92P7D12-24 Datasheet
1Mb / 4P
   T92 Series Two-pole 30A PCB or Panel Mount Relay
T92P11D22-12 MACOM-T92P11D22-12 Datasheet
1Mb / 4P
   T92 Series Two-pole 30A PCB or Panel Mount Relay
T92S7D22-12 MACOM-T92S7D22-12 Datasheet
1Mb / 4P
   T92 Series Two-pole 30A PCB or Panel Mount Relay
Picker Components
Picker Components
PC738 PICKER-PC738 Datasheet
248Kb / 3P
   Two Pole Heavy Duty Power Relay
DB Lectro Inc
DB Lectro Inc
HG4236 DBLECTRO-HG4236 Datasheet
54Kb / 2P
   Two Pole Heavy Duty PCB / QC Power Relay
Omron Electronics LLC
Omron Electronics LLC
G7L-PV OMRON-G7L-PV Datasheet
168Kb / 4P
   Two-pole Power Relay That Is Ideal for Inverters in Photovoltaic Power Systems
Fujitsu Component Limited.
Fujitsu Component Limit...
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
ATMEL Corporation
ATMEL Corporation
ATA6140 ATMEL-ATA6140 Datasheet
403Kb / 13P
   TWO RELAY FLASHER
Fujitsu Component Limited.
Fujitsu Component Limit...
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com