Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPT1057A Datasheet(PDF) 11 Page - International Rectifier

Part # IRPT1057A
Description  Power Module for 0.75 hp Motor Drives
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1057A Datasheet(HTML) 11 Page - International Rectifier

Back Button IRPT1057A Datasheet HTML 3Page - International Rectifier IRPT1057A Datasheet HTML 4Page - International Rectifier IRPT1057A Datasheet HTML 5Page - International Rectifier IRPT1057A Datasheet HTML 6Page - International Rectifier IRPT1057A Datasheet HTML 7Page - International Rectifier IRPT1057A Datasheet HTML 8Page - International Rectifier IRPT1057A Datasheet HTML 9Page - International Rectifier IRPT1057A Datasheet HTML 10Page - International Rectifier IRPT1057A Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
page11
IRPT1057A
IRPT1057A Power Module
Chip and wire epoxy encapsulated module with 800V
rectifiers, 600V short-circuit rated, ultra-fast IGBT inverter with
ultra-fast freewheeling diodes, temperature sensing NTC
thermistor and current-sensing low-inductance shunts.
IRPT1057C
Integrated Power Module (IRPT1057A) and Driver-Plus
Board (IRPT1057D) pre-assembled and tested to meet all system
specifications.
IRPT1057D Driver-
Plus Board
Printed circuit board assembled with DC link capacitors.
NTC in-rush limiting thermistors, high-power terminal blocks,
surge suppression MOVs, IGBT gate drivers, protection circuitry
and low power supply. The PCB is functionally tested with
standard power module to meet all system specifications.
Part Number Identification and Ordering Instructions


Similar Part No. - IRPT1057A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1053A IRF-IRPT1053A Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053C IRF-IRPT1053C Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053D IRF-IRPT1053D Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053E IRF-IRPT1053E Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
More results

Similar Description - IRPT1057A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1058A IRF-IRPT1058A Datasheet
213Kb / 12P
   Power Module for 0.75 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
   Power Module for 5 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
IRPT2062A IRF-IRPT2062A Datasheet
260Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT1061A IRF-IRPT1061A Datasheet
256Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053A IRF-IRPT1053A Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com