Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP120NF04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP120NF04
Description  N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120NF04 Datasheet(HTML) 1 Page - STMicroelectronics

  STP120NF04 Datasheet HTML 1Page - STMicroelectronics STP120NF04 Datasheet HTML 2Page - STMicroelectronics STP120NF04 Datasheet HTML 3Page - STMicroelectronics STP120NF04 Datasheet HTML 4Page - STMicroelectronics STP120NF04 Datasheet HTML 5Page - STMicroelectronics STP120NF04 Datasheet HTML 6Page - STMicroelectronics STP120NF04 Datasheet HTML 7Page - STMicroelectronics STP120NF04 Datasheet HTML 8Page - STMicroelectronics STP120NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
February 2005
STP120NF04
N-CHANNEL 40V - 0.0047
Ω - 120A TO-220
STripFET™II MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 0.0047 Ω
s
STANDARD THRESHOLD DRIVE
s
100% AVALANCHE TESTED
DESCRIPTION
This MOSFET is the latest development of STMi-
croelectronics unique “Single Feature Size
™”
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SWITCHING SPEED
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID (1)
Pw
STP120NF04
40 V
< 0.0050
Ω 120 A 300 W
1
2
3
TO-220
Part Number
Marking
Package
Packaging
STP120NF04
P120NF04
TO-220
TUBE
Rev. 1


Similar Part No. - STP120NF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
303Kb / 14P
   N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
STP120NF04 STMICROELECTRONICS-STP120NF04_06 Datasheet
303Kb / 14P
   N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
More results

Similar Description - STP120NF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP120NF04 STMICROELECTRONICS-STP120NF04_06 Datasheet
303Kb / 14P
   N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
   N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
   N-channel 40V - 0.0035廓 - 120A - D2PAK - TO-220 planar STripFET??Power MOSFET
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
   N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
   N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
STP100NF04L STMICROELECTRONICS-STP100NF04L Datasheet
268Kb / 8P
   N-CHANNEL 40V - 0.0036 ohm - 100A TO-220 STripFET??II POWER MOSFET
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
557Kb / 14P
   N-CHANNEL 30V - 0.0032 ohm - 120A D짼PAK/I짼PAK/TO-220 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com