Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2652EM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CXA2652EM
Description  Optical Pickup Chipset Achieves the Industrys Fastest CD-R/RW Write Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CXA2652EM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CXA2652EM Datasheet HTML 1Page - List of Unclassifed Manufacturers CXA2652EM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s Figure 1 Optical Pickup Structure
s Figure 2 CXA2660N Block Diagram
s Figure 3 CXA2660N Photodetector Pattern Dimensions
s Table 2
CXA2652EN/AEN/BEN Photodetector Pattern
Dimensions (diameter)
s Figure 4 CXA2652EN/AEN/BEN Block Diagram
s Table 1
CXA2660N and CXA2663N Pulse Response
Characteristics
Disc
Beam spliter
CXA2660N/2663N
CXA2652EM/AEM/BEM
Grating
Laser diode
Objective
lens
45 deg.
Top view
The photodetector pattern of the CXA2663N is identical to
that of the earlier product, the CXA2637N.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
×3
1.2k
VLIM
h
×3
1.2k
VLIM
g
×3
1.2k
VLIM
a
A'
×3
1.2k
VLIM
d
×3
1.2k
VLIM
b
×3
1.2k
VLIM
c
×3
1.2k
100k
VLIM
f
×3
1.2k
VLIM
e
D'
C'
B'
A
B
C
D
RRF = A + B + C + D
×1
A'
B'
C'
D'
WRF = (A' + B' + C' + D')
× 0.2625
×0.2625
GND
G
D
C
E
RRF
WRF
Vcc
H
A
B
F
Vc
VLIM
* The block diagram of the CXA2663N is identical to that of
the earlier product, the CXA2637N.
1
2
3
4
5
6
VOUT
0.1
µF
0.1
µF
Photodiode
4.4 k
900
VIN
VR
IVOUT
Vcc
Vc
GND
200
Slew rate
400 V/
µs
350 V/
µs
CXA2660N
CXA2663N
Settling
12 ns for a 1.9 V amplitude
10 ns for a 1.5 V amplitude
0.70 mm
0.36 mm
0.47 mm
CXA2652EM
CXA2652AEM
CXA2652BEM


Similar Part No. - CXA2652EM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
   Laser Driver
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
CXA2647 SONY-CXA2647 Datasheet
268Kb / 23P
   RF Signal Processor for CD Players
CXA2647N SONY-CXA2647N Datasheet
268Kb / 23P
   RF Signal Processor for CD Players
More results

Similar Description - CXA2652EM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
43148 ETC2-43148 Datasheet
38Kb / 1P
   CD-R/RW Media
logo
Sony Corporation
CXA2702GA SONY-CXA2702GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
logo
Roithner LaserTechnik G...
ADL-78901TL ROITHNER-ADL-78901TL Datasheet
347Kb / 2P
   Virtual keyboard CD R/RW
logo
Sony Corporation
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
logo
Roithner LaserTechnik G...
ADL-78901TX ROITHNER-ADL-78901TX Datasheet
112Kb / 1P
   Virtual keyboard CD R/RW
logo
Sony Corporation
CXA2677 SONY-CXA2677 Datasheet
57Kb / 2P
   Optical Pickup Chipset with CD/DVD Recording Photodetector IC (PDIC) Supports High-Speed Writing to both CD and DVD Media
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Rohm
BB6390KU ROHM-BB6390KU Datasheet
178Kb / 6P
   Control IC for CD-R/RW, DVDR/RW, DVD-RAM drive
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
   THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Rohm
BB6381KU ROHM-BB6381KU Datasheet
166Kb / 6P
   Control IC for CD-R/RW drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com