Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3103-01SF Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3103-01SF
Description  400mA SMARTOR REGULATOR Vaux SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3103-01SF Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3103-01SF Datasheet HTML 1Page - California Micro Devices Corp CM3103-01SF Datasheet HTML 2Page - California Micro Devices Corp CM3103-01SF Datasheet HTML 3Page - California Micro Devices Corp CM3103-01SF Datasheet HTML 4Page - California Micro Devices Corp CM3103-01SF Datasheet HTML 5Page - California Micro Devices Corp CM3103-01SF Datasheet HTML 6Page - California Micro Devices Corp CM3103-01SF Datasheet HTML 7Page - California Micro Devices Corp CM3103-01SF Datasheet HTML 8Page - California Micro Devices Corp CM3103-01SF Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/28/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
1
CM3103
400mA SmartORTM Regulator with VAUX Switch
Features
Continuous 3.3V / 400mA output from two inputs
Complete Power Management solution
Built-in hysteresis when selecting input supplies
Integrated switch featuring low RDSON (0.25Ω
typ.
)
Foldback current limiting protection
Thermal overload shutdown protection
8-pin SOIC package
Lead-free version available
Applications
PCI adapter cards with Wake-On-LAN
Network Interface Cards (NICs)
Multiple power supply systems
Systems with standby capabilities
Product Description
The CM3103 combines a fixed voltage regulator and a
VAUX switch in a single 8-pin SOIC package. The volt-
age regulator is capable of delivering up to 400mA con-
tinuously at 3.3V. The output power is provided from
two independent input voltage sources on a prioritized
basis. Power is always taken in priority of VCC, then
VAUX.
When VCC (5V) is present, the device automatically
enables the regulator, producing a stable 3.3V output
at VOUT, while disabling the VAUX switch.
When only VAUX (3.3V) is present, the device provides
a low impedance direct connection (0.25
Ω typ.) from
VAUX to VOUT.
All the necessary control circuitry needed to provide a
smooth and automatic transition between both supplies
has been incorporated. This allows the VCC input sup-
ply to be dynamically switched without loss of output
voltage.
The CM3103 is available with optional lead-free finish-
ing.
Simplified Electrical Schematic
Typical Application Circuit
+
VCC
GND
VOUT
-
+
Enable
-
Controller
AuxSw
3.3V
4.2V
Vdeselect
AuxSw
0.25
Regulator Amp
VAUX
VAUX
VOUT
GND
VOUT
CM3103
VCC
10
µF
5V
VCC
VAUX
3.3V
CEXT
+
GND
1
µF
CIN
+
3.3V/400mA


Similar Part No. - CM3103-01SF

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM310 CML-CM310 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM310 VCC-CM310 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
   Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Chicago Miniature Lamp,...
CM3102 CML-CM3102 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM3102 VCC-CM3102 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
More results

Similar Description - CM3103-01SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
   400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
logo
California Micro Device...
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
   400mA SMARTOR Dual Regulator with V switch?
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
   1.5A SMARTOR Dual Regulator with Vaux Drive
logo
ON Semiconductor
CMPWR101 ONSEMI-CMPWR101 Datasheet
137Kb / 12P
   250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
   250mA SMARTOR Regulator with V switch
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
   500mA SMARTOR Dual Regulator with V switch?
logo
Advanced Analogic Techn...
AAT1204 ANALOGICTECH-AAT1204 Datasheet
213Kb / 13P
   400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
logo
ON Semiconductor
CMPWR150 ONSEMI-CMPWR150 Datasheet
148Kb / 15P
   500mA/3.3V SmartOR Power Regulator
June 2010 Rev. 3
logo
California Micro Device...
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
   300mA SMARTOR Regulator with V Drive
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com