Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C20F400C8 Datasheet(PDF) 63 Page - Altera Corporation

Part # EP1C20F400C8
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C20F400C8 Datasheet(HTML) 63 Page - Altera Corporation

Back Button EP1C20F400C8 Datasheet HTML 59Page - Altera Corporation EP1C20F400C8 Datasheet HTML 60Page - Altera Corporation EP1C20F400C8 Datasheet HTML 61Page - Altera Corporation EP1C20F400C8 Datasheet HTML 62Page - Altera Corporation EP1C20F400C8 Datasheet HTML 63Page - Altera Corporation EP1C20F400C8 Datasheet HTML 64Page - Altera Corporation EP1C20F400C8 Datasheet HTML 65Page - Altera Corporation EP1C20F400C8 Datasheet HTML 66Page - Altera Corporation EP1C20F400C8 Datasheet HTML 67Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
Altera Corporation
63
Preliminary Information
Cyclone FPGA Family Data Sheet
The Cyclone device instruction register length is 10 bits and the
USERCODE register length is 32 bits. Tables 19 and 20 show the
boundary-scan register length and device IDCODE information for
Cyclone devices.
Notes to Table 20:
(1)
The most significant bit (MSB) is on the left.
(2)
The IDCODE’s least significant bit (LSB) is always 1.
Table 19. Cyclone Boundary-Scan Register Length
Device
Boundary-Scan Register Length
EP1C3
339
EP1C4
930
EP1C6
582
EP1C12
774
EP1C20
930
Table 20. 32-Bit Cyclone Device IDCODE
Device
IDCODE (32 Bits) (1)
Version (4 Bits)
Part Number (16 Bits)
Manufacturer Identity
(11 Bits)
LSB (1 Bit) (2)
EP1C3
0000
0010 0000 1000 0001
000 0110 1110
1
EP1C4
0000
0010 0000 1000 0101
000 0110 1110
1
EP1C6
0000
0010 0000 1000 0010
000 0110 1110
1
EP1C12
0000
0010 0000 1000 0011
000 0110 1110
1
EP1C20
0000
0010 0000 1000 0100
000 0110 1110
1


Similar Part No. - EP1C20F400C8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400C8ES ALTERA-EP1C20F400C8ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C20F400C8ES ALTERA-EP1C20F400C8ES Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400C8ES ALTERA-EP1C20F400C8ES Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C20F400C8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com