Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4002EL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG4002EL
Description  40V, 0.2 A LOW V-f MEGA SCHOTTKY BARRIER RECTIFIER IN LEADLESS ULTRA SMALL SOD882 PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG4002EL Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG4002EL Datasheet HTML 1Page - NXP Semiconductors PMEG4002EL Datasheet HTML 2Page - NXP Semiconductors PMEG4002EL Datasheet HTML 3Page - NXP Semiconductors PMEG4002EL Datasheet HTML 4Page - NXP Semiconductors PMEG4002EL Datasheet HTML 5Page - NXP Semiconductors PMEG4002EL Datasheet HTML 6Page - NXP Semiconductors PMEG4002EL Datasheet HTML 7Page - NXP Semiconductors PMEG4002EL Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9397 750 12467
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 17 February 2004
3 of 8
Philips Semiconductors
PMEG4002EL
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
[1]
For Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses. Nomograms for determining the reverse
power losses PR and IF(AV) rating will be available on request.
6.
Thermal characteristics
[1]
Refer to SOD882 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
[2]
For Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses. Nomograms for determining the reverse
power losses PR and IF(AV) rating will be available on request.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] [2]
500
K/W
Table 7:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Typ
Max
Unit
VF
continuous
forward voltage
see Figure 1
IF = 0.1 mA
190
220
mV
IF = 1 mA
250
290
mV
IF = 10 mA
320
360
mV
IF = 100 mA
440
500
mV
IF = 200 mA
520
600
mV
IR
continuous
reverse current
see Figure 2
[1]
VR = 25 V
0.3
0.5
µA
VR = 40 V
0.7
10
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz;
see Figure 3
14
20
pF


Similar Part No. - PMEG4002EL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4002EL NXP-PMEG4002EL Datasheet
61Kb / 8P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 02-11 March 2009
logo
Nexperia B.V. All right...
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG4002EL-Q NEXPERIA-PMEG4002EL-Q Datasheet
180Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
30 September 2021
logo
NXP Semiconductors
PMEG4002ELD NXP-PMEG4002ELD Datasheet
773Kb / 14P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 April 2011
logo
Nexperia B.V. All right...
PMEG4002ELD NEXPERIA-PMEG4002ELD Datasheet
1Mb / 14P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 20 April 2011
More results

Similar Description - PMEG4002EL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002AEL PHILIPS-PMEG3002AEL Datasheet
45Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-24 February 2004
logo
Nexperia B.V. All right...
PMEG3002AEL NEXPERIA-PMEG3002AEL Datasheet
637Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010
logo
NXP Semiconductors
PMEG3002AEL NXP-PMEG3002AEL Datasheet
101Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
PMEG3002AEL PHILIPS-PMEG3002AEL_15 Datasheet
101Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
PMEG2005AEL PHILIPS-PMEG2005AEL_15 Datasheet
100Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03-15 January 2010
PMEG2005AEL NXP-PMEG2005AEL Datasheet
100Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03-15 January 2010
PMEG2005AEL PHILIPS-PMEG2005AEL Datasheet
43Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-27 April 2004
logo
Nexperia B.V. All right...
PMEG2005AEL NEXPERIA-PMEG2005AEL Datasheet
636Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03 - 15 January 2010
logo
NXP Semiconductors
PMEG2005EL PHILIPS-PMEG2005EL Datasheet
44Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-11 February 2004
logo
Nexperia B.V. All right...
PMEG2005EL NEXPERIA-PMEG2005EL Datasheet
636Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com