Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP450A Datasheet(PDF) 2 Page - Anachip Corp

Part # AP450A
Description  2 Channel Linear Controller with Enable Function
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP450A Datasheet(HTML) 2 Page - Anachip Corp

  AP450A Datasheet HTML 1Page - Anachip Corp AP450A Datasheet HTML 2Page - Anachip Corp AP450A Datasheet HTML 3Page - Anachip Corp AP450A Datasheet HTML 4Page - Anachip Corp AP450A Datasheet HTML 5Page - Anachip Corp AP450A Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP450
2 Channel Linear Controller with Enable Function
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Sep 7, 2004
2/6
Block Diagram
Bandgap
Reference
Amp
+
_
Current
Limit
Buffer
LPF
Amp
+
_
Buffer
LPF
EN1/2
FB2
FB1
GND
OUT1
OUT2
Current
Limit
UVLO
Vcc
1.25V/0.8V
2.5V
V
REF
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
22
V
VI
Amplifier input voltage
20
V
VO1 / VO2
CH1 / CH1Linear driver voltage to ground
-0.3≦V≦20
V
TOP
Operating temperature range
-20 to +85
oC
TST
Storage temperature range
-65 to +150
oC
TLEAD
Lead temperature 1.6 mm(1/16 inch) from case for 10 seconds
260
oC
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
3.6
20
V
VI
Amplifier input voltage
1.05
1.45
V
VO1 / VO2
CH1 / CH2 Linear driver voltage to ground
-
Vcc-1.5
V
IFB
Current into feedback terminal
-
45
µA
RF
Feedback resistor
100
-
kΩ
TOP
Operating free-air temperature
-20
85
ºC


Similar Part No. - AP450A

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4500GM A-POWER-AP4500GM Datasheet
94Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4500GM-HF A-POWER-AP4500GM-HF Datasheet
125Kb / 7P
   Simple Drive Requirement, Low Gate Charge
AP4500GM-HF A-POWER-AP4500GM-HF_14 Datasheet
125Kb / 7P
   Simple Drive Requirement
AP4500GM-HF A-POWER-AP4500GM-HF_16 Datasheet
88Kb / 8P
   Fast Switching Performance
AP4500GM A-POWER-AP4500GM_14 Datasheet
125Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP450A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP451 ANACHIP-AP451 Datasheet
183Kb / 6P
   2 Channel Linear Controller with Independent Enable Function
logo
BCD Semiconductor Manuf...
AP2113A BCDSEMI-AP2113A Datasheet
457Kb / 12P
   1.6x Linear Fan Driver with Enable Function
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401 UTC-LR6401_17 Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Cherry Semiconductor Co...
CS5127 CHERRY-CS5127 Datasheet
293Kb / 24P
   Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
logo
Taiwan Semiconductor Co...
TS9020 TSC-TS9020 Datasheet
396Kb / 6P
   200mA Dual Channel CMOS LDO with Enable Function
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com