Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8007AKS-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8007AKS-REEL7
Description  ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8007AKS-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD8007AKS-REEL7 Datasheet HTML 1Page - Analog Devices AD8007AKS-REEL7 Datasheet HTML 2Page - Analog Devices AD8007AKS-REEL7 Datasheet HTML 3Page - Analog Devices AD8007AKS-REEL7 Datasheet HTML 4Page - Analog Devices AD8007AKS-REEL7 Datasheet HTML 5Page - Analog Devices AD8007AKS-REEL7 Datasheet HTML 6Page - Analog Devices AD8007AKS-REEL7 Datasheet HTML 7Page - Analog Devices AD8007AKS-REEL7 Datasheet HTML 8Page - Analog Devices AD8007AKS-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. C
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
AD8007/AD8008
Ultralow Distortion
High Speed Amplifiers
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
CONNECTION DIAGRAMS
GENERAL DESCRIPTION
The AD8007 (single) and AD8008 (dual) are high perfor-
mance current feedback amplifiers with ultralow distortion
and noise. Unlike other high performance amplifiers, the low
price and low quiescent current allow these amplifiers to be
used in a wide range of applications. ADI’s proprietary second
generation eXtra-Fast Complementary Bipolar (XFCB)
process enables such high performance amplifiers with low
power consumption.
The AD8007/AD8008 have 650 MHz bandwidth, 2.7 nV/
√Hz
voltage noise, –83 dB SFDR @ 20 MHz (AD8007), and –77 dBc
SFDR @ 20 MHz (AD8008).
With the wide supply voltage range (5 V to 12 V) and wide band-
width, the AD8007/AD8008 are designed to work in a variety of
applications. The AD8007/AD8008 amplifiers have a low power
supply current of 9 mA/amplifier.
The AD8007 is available in a tiny SC70 package as well as a
standard 8-lead SOIC. The dual AD8008 is available in both
FEATURES
Extremely Low Distortion
Second Harmonic
–88 dBc @ 5 MHz
–83 dBc @ 20 MHz (AD8007)
–77 dBc @ 20 MHz (AD8008)
Third Harmonic
–101 dBc @ 5 MHz
–92 dBc @ 20 MHz (AD8007)
–98 dBc @ 20 MHz (AD8008)
High Speed
650 MHz, –3 dB Bandwidth (G = +1)
1000 V/ s Slew Rate
Low Noise
2.7 nV/
Hz Input Voltage Noise
22.5 pA/
Hz Input Inverting Current Noise
Low Power
9 mA/Amplifier Typ Supply Current
Wide Supply Voltage Range
5 V to 12 V
0.5 mV Typical Input Offset Voltage
Small Packaging
SOIC-8, MSOP, and SC70 Packages Available
APPLICATIONS
Instrumentation
IF and Baseband Amplifiers
Filters
A/D Drivers
DAC Buffers
8-lead SOIC and 8-lead MSOP packages. These amplifiers are
rated to work over the industrial temperature range of –40
°C
to +85
°C.
FREQUENCY – MHz
–30
–40
–110
1
100
10
–70
–80
–90
–100
–50
–60
2ND
3RD
G = +2
RL = 150
VS = 5V
VOUT = 2V p-p
Figure 1. AD8007 Second and Third Harmonic
Distortion vs. Frequency
SOIC (RN-8)
SC70 (KS-5)
8
7
6
5
1
2
3
4
NC = NO CONNECT
NC
–IN
+IN
NC
+VS
VOUT
NC
–VS
AD8007
(Top View)
5
1
2
3
–IN
+IN
+VS
VOUT
–VS
4
AD8007
(Top View)
SOIC (RN) and MSOP (RM)
1
VOUT1
–IN1
+IN1
–VS
+VS
VOUT2
–IN2
+IN2
8
27
36
45
AD8008
(Top View)


Similar Part No. - AD8007AKS-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8007AKS-REEL7 AD-AD8007AKS-REEL7 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
More results

Similar Description - AD8007AKS-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com