Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4561 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4561
Description  ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4561 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4561 Datasheet HTML 5Page - ON Semiconductor NCP4561 Datasheet HTML 6Page - ON Semiconductor NCP4561 Datasheet HTML 7Page - ON Semiconductor NCP4561 Datasheet HTML 8Page - ON Semiconductor NCP4561 Datasheet HTML 9Page - ON Semiconductor NCP4561 Datasheet HTML 10Page - ON Semiconductor NCP4561 Datasheet HTML 11Page - ON Semiconductor NCP4561 Datasheet HTML 12Page - ON Semiconductor NCP4561 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP4561
http://onsemi.com
9
Understanding the Load Transient Improvement
The NCP4561 features a novel architecture which allows
the user to easily implement the regulator in burst systems
where the time between two current shots is kept very small.
The quality of the transient response time is related to
many parameters, among which the closed–loop bandwidth
with the corresponding phase margin plays an important
role. However, other characteristics also come into play like
the series pass transistor saturation. When a current
perturbation suddenly appears on the output, e.g. a load
increase, the error amplifier reacts and actively biases the
PNP transistor. During this reaction time, the LDO is in
open–loop and the output impedance is rather high. As a
result, the voltage brutally drops until the error amplifier
effectively closes the loop and corrects the output error.
When the load disappears, the opposite phenomenon takes
place with a positive overshoot. The problem appears when
this overshoot decays down to the LDO steady–state value.
During this decreasing phase, the LDO stops the PNP bias
and one can consider the LDO asleep. If by misfortune a
current shot appears, the reaction time is incredibly
lengthened and a strong undershoot takes place. This
reaction is clearly not acceptable for line sensitive devices,
such as VCOs or other Radio–Frequency parts. This
problem is dramatically exacerbated when the output
current drops to zero rather than a few mA. In this later case,
the internal feedback network is the only discharge path,
accordingly lengthening the output voltage decay period.
The NCP4561 cures this problem by implementing a
clever design where the LDO detects the presence of the
overshoot and forces the system to go back to steady–state
as soon as possible, ready for the next shot, which positively
improves the response time and decreases the negative peak
voltage.
NCP4561 has a fast start–up phase
Thanks to the lack of bypass capacitor the NCP4561 is
able to supply its downstream circuitry as soon as the OFF
to ON signal appears. In a standard LDO, the charging time
of the external bypass capacitor hampers the response time.
A simple solution consists in suppressing this bypass
element but, unfortunately, the noise rises to an
unacceptable level. NCP4561 offers the best of both worlds
since it no longer includes a bypass capacitor and starts in
less than 40
ms typically (Repetitive at 200 Hz). It also
ensures a low–noise level of 40
mVRMS 100 Hz–100 kHz.
The following picture details the typical NCP4561 startup
phase.
ON/OFF Pin Voltage
1 V/div
Ch3 1.00 V
Ch4 500 mV
M 10.0
ms Ch3
1.82 V
Figure 12. Start–Up Waveform
(Conditions: Vin = 3.8 V, Iload = 10 mA, Cout = 1 mF)
C4 High
2.78 V
C4 Mean
2.426 V
Tek Run: 5.00 MS/s
Sample
Vout
500 mV/div


Similar Part No. - NCP4561

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP456 ONSEMI-NCP456 Datasheet
154Kb / 13P
   2 A Single Load Switch for Low Voltage Rail
December, 2014 ??Rev. 1
NCP456RFCCT2G ONSEMI-NCP456RFCCT2G Datasheet
154Kb / 13P
   2 A Single Load Switch for Low Voltage Rail
December, 2014 ??Rev. 1
NCP456 ONSEMI-NCP456_14 Datasheet
154Kb / 13P
   2 A Single Load Switch for Low Voltage Rail
December, 2014 ??Rev. 1
More results

Similar Description - NCP4561

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-030G ONSEMI-MC33761SNT1-030G Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com