Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4561SN28T1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP4561SN28T1
Description  ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4561SN28T1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP4561SN28T1 Datasheet HTML 3Page - ON Semiconductor NCP4561SN28T1 Datasheet HTML 4Page - ON Semiconductor NCP4561SN28T1 Datasheet HTML 5Page - ON Semiconductor NCP4561SN28T1 Datasheet HTML 6Page - ON Semiconductor NCP4561SN28T1 Datasheet HTML 7Page - ON Semiconductor NCP4561SN28T1 Datasheet HTML 8Page - ON Semiconductor NCP4561SN28T1 Datasheet HTML 9Page - ON Semiconductor NCP4561SN28T1 Datasheet HTML 10Page - ON Semiconductor NCP4561SN28T1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP4561
http://onsemi.com
7
APPLICATION HINTS
Input Decoupling
As with any regulator, it is necessary to reduce the
dynamic impedance of the supply rail that feeds the
component. A 1.0
mF capacitor either ceramic or tantalum is
recommended and should be connected close to the
NCP4561 package. Higher values will correspondingly
improve the overall line transient response.
Output Decoupling
Thanks to a novel concept, the NCP4561 is a stable
component and does not require any specific Equivalent
Series Resistance (ESR) neither a minimum output current.
Capacitors exhibiting ESRs ranging from a few m
W up to
3.0
W can thus safely be used. The minimum decoupling
value is 1.0
mF and can be augmented to fulfill stringent load
transient requirements. The regulator accepts ceramic chip
capacitors as well as tantalum devices.
Noise Decoupling
Unlike other LDOs, the NCP4561 is a true low–noise
regulator. Without the need of an external bypass capacitor,
it typically reaches the incredible level of 40
mVRMS overall
noise between 100 Hz and 100 kHz. To give maximum
insight on noise specifications, ON Semiconductor includes
spectral density graphics. The classical bypass capacitor
impacts the start–up phase of standard LDOs. However,
thanks to its low–noise architecture, the NCP4561 operates
without a bypass element and thus offers a typical 40
ms
start–up phase.
Protections
The NCP4561 hosts several protections, giving natural
ruggedness and reliability to the products implementing the
component. The output current is internally limited to a
maximum value of 180 mA typical while temperature
shutdown occurs if the die heats up beyond 125
°C. These
values let you assess the maximum differential voltage the
device can sustain at a given output current before its
protections come into play.
The maximum dissipation the package can handle is given
by:
Pmax +
T
Jmax *
T
A
RqJA
If TJmax is limited to 125°C, then the NCP4561 can
dissipate up to 470 mW @ 25
°C. The power dissipated by
the NCP4561 can be calculated from the following formula:
Ptot
+ V
in
I
gnd
(Iout) ) Vin * Vout
Iout
or
Vinmax +
Ptot
) V
out
Iout
I
gnd )
Iout
If a 80 mA output current is needed, the ground current is
extracted from the data–sheet curves: 4.0 mA @ 80 mA. For
a NCP4561SN28T1 (2.8 V) delivering 80 mA and operating
at 25
°C, the maximum input voltage will then be 8.3 V.


Similar Part No. - NCP4561SN28T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP456 ONSEMI-NCP456 Datasheet
154Kb / 13P
   2 A Single Load Switch for Low Voltage Rail
December, 2014 ??Rev. 1
NCP456RFCCT2G ONSEMI-NCP456RFCCT2G Datasheet
154Kb / 13P
   2 A Single Load Switch for Low Voltage Rail
December, 2014 ??Rev. 1
NCP456 ONSEMI-NCP456_14 Datasheet
154Kb / 13P
   2 A Single Load Switch for Low Voltage Rail
December, 2014 ??Rev. 1
More results

Similar Description - NCP4561SN28T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-030G ONSEMI-MC33761SNT1-030G Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com