Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND02GR4B2CN1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # NAND02GR4B2CN1
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02GR4B2CN1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button NAND02GR4B2CN1 Datasheet HTML 7Page - STMicroelectronics NAND02GR4B2CN1 Datasheet HTML 8Page - STMicroelectronics NAND02GR4B2CN1 Datasheet HTML 9Page - STMicroelectronics NAND02GR4B2CN1 Datasheet HTML 10Page - STMicroelectronics NAND02GR4B2CN1 Datasheet HTML 11Page - STMicroelectronics NAND02GR4B2CN1 Datasheet HTML 12Page - STMicroelectronics NAND02GR4B2CN1 Datasheet HTML 13Page - STMicroelectronics NAND02GR4B2CN1 Datasheet HTML 14Page - STMicroelectronics NAND02GR4B2CN1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
NAND01G-B, NAND02G-B
Summary description
11/64
Table 3.
Signal Names
I/O8-15
Data Input/Outputs for x16 devices
I/O0-7
Data Input/Outputs, Address Inputs, or Command Inputs for x8 and
x16 devices
AL
Address Latch Enable
CL
Command Latch Enable
E
Chip Enable
R
Read Enable
RB
Ready/Busy (open-drain output)
W
Write Enable
WP
Write Protect
PRL
Power-Up Read Enable, Lock/Unlock Enable
VDD
Supply Voltage
VSS
Ground
NC
Not Connected Internally
DU
Do Not Use


Similar Part No. - NAND02GR4B2CN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND02GR4B2CN1E STMICROELECTRONICS-NAND02GR4B2CN1E Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND02GR4B2CN1E NUMONYX-NAND02GR4B2CN1E Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
logo
STMicroelectronics
NAND02GR4B2CN1F STMICROELECTRONICS-NAND02GR4B2CN1F Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND02GR4B2CN1F NUMONYX-NAND02GR4B2CN1F Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
More results

Similar Description - NAND02GR4B2CN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com