Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS664-03LFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS664-03LFT
Description  Digital Video Clock Source
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS664-03LFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS664-03LFT Datasheet HTML 1Page - Integrated Circuit Systems ICS664-03LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS664-03LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS664-03LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS664-03LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS664-03LFT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS664-03
MDS 664-03 B
1
Revision 091404
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Digital Video Clock Source
Description
The ICS664-03 provides clock generation and
conversion for clock rates commonly needed in HDTV
digital video equipment. The ICS664-03 uses the latest
PLL technology to provide excellent phase noise and
long term jitter performance for superior
synchronization and S/N ratio.
The ICS664-03 is suitable for Digital Video STB and
DTV applications. For Transmitter application use
ICS664-01 or ICS664-02.
For audio sampling clocks generated from 27 MHz, use
the ICS661.
Please contact ICS if you have a requirement for an
input and output frequency not included in this
document. ICS can rapidly modify this product to meet
special requirements.
Features
Packaged in 16-pin TSSOP
Available in Pb (lead) free package
Clock or crystal input provides flexibility
Low phase noise supports enhanced SNR
Lowest jitter in class at 100 ps
Exact (0 ppm) multiplication ratios
Power-down mode lowers power consumption
Improved phase noise over ICS660
Provides High definition Video clocks for 720p, 1080i
and 1080p YUV standards
Block Diagram
PLL Clock
Synthesis
SELIN
Crystal
Oscillator
X2
X1/REFIN
VDD (P2)
VDD (P14)
CLK
GND (P6)
GND (P5)
GND (P13)
S3:0
4
VDD (P3)
VDDO


Similar Part No. - ICS664-03LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
More results

Similar Description - ICS664-03LFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
   DIGITAL VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
100907
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS660 ICST-ICS660 Datasheet
127Kb / 6P
   Digital Video Clock Source
ICS664-01 ICST-ICS664-01 Datasheet
145Kb / 6P
   Digital Video Clock Source
ICS664-04 ICST-ICS664-04 Datasheet
103Kb / 6P
   PECL Digital Video Clock Source
ICS664-02 ICST-ICS664-02 Datasheet
102Kb / 6P
   PECL Digital Video Clock Source
logo
Renesas Technology Corp
ICS664-02 RENESAS-ICS664-02 Datasheet
360Kb / 8P
   PECL DIGITAL VIDEO CLOCK SOURCE
051310
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com