Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B16244V Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3B16244V
Description  3.3V, 17-Bit, 4-Port NanoSwitch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16244V Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3B16244V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16244V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16244V Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16244V Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B16244V Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PI3B16244
3.3V, 16-Bit, 4-Port NanoSwitch™
4
PS8170D
10/01/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Packaging Mechanical: 48-pin 240 Mil-Wide Thin Plastic TSSOP (A)
Packaging Mechanical: 48-pin 300 Mil-Wide Plastic SSOP (V)
.236
.244
.488
.496
.002
.006
SEATING PLANE
.007
.010
.0197
BSC
.004
.008
.319
1
48
12.4
12.6
6.0
6.2
0.50
0.17
0.27
8.1
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
1.20 Max
BSC
0.20
0.51
1.01
0.25
0.381
0.635
.008
.008
.016
0-8˚
0.20
0.40
.110 2.79
.010
Gauge Plane
.02
.04
.015
.025
x 45˚
.025 BSC
0.635
.291
.299
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.39
7.59
.395
.420
10.03
10.67
.620
.630
15.75
16.00
.008
.0135
0.20
0.34
1
48
Nom.
Max


Similar Part No. - PI3B16244V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
   3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16245A PERICOM-PI3B16245A Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16245A PERICOM-PI3B16245A Datasheet
92Kb / 3P
   3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16245A PERICOM-PI3B16245A Datasheet
149Kb / 5P
   3.3V, 16-Bit, 2-Port NanoSwitch?
More results

Similar Description - PI3B16244V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
   3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B32X384 PERICOM-PI3B32X384_06 Datasheet
308Kb / 4P
   3.3V, 20-Bit, 2-Port NanoSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com