Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1050 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1050
Description  EMC OPTIMIZED CAN TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1050 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD1050 Datasheet HTML 1Page - Texas Instruments SN65HVD1050 Datasheet HTML 2Page - Texas Instruments SN65HVD1050 Datasheet HTML 3Page - Texas Instruments SN65HVD1050 Datasheet HTML 4Page - Texas Instruments SN65HVD1050 Datasheet HTML 5Page - Texas Instruments SN65HVD1050 Datasheet HTML 6Page - Texas Instruments SN65HVD1050 Datasheet HTML 7Page - Texas Instruments SN65HVD1050 Datasheet HTML 8Page - Texas Instruments SN65HVD1050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
ELECTROSTATIC DISCHARGE PROTECTION
RECOMMENDED OPERATING CONDITIONS
SUPPLY CURRENT
DEVICE SWITCHING CHARACTERISTICS
DRIVER ELECTRICAL CHARACTERISTICS
SN65HVD1050
SLLS632 – DECEMBER 2005
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
UNIT
Bus terminals and GND
±8 kV
Human Body Model(2)
All pins
±4 kV
Electrostatic discharge (1)
Charged Device Model(3) All pins
±1.5 kV
Machine Model
±0.2 V
(1)
All typical values at 25
°C.
(2)
Tested in accordance JEDEC Standard 22, Test Method A114-A.
(3)
Tested in accordance JEDEC Standard 22, Test Method C101.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5.25
V
VI or VIC
Voltage at any bus terminal (separately or common mode)
–12
12
V
VIH
High-level input voltage
2
5.25
V
TXD, S
VIL
Low-level input voltage
0
0.8
V
VID
Differential input voltage
–7
7
V
Driver
–70
IOH
High-level output current
mA
Receiver
–2
Driver
70
IOL
Low-level output current
mA
Receiver
2
See Thermal Characteristics table, 1 Mbps minimum
TJ
Junction temperature
150
°C
signaling rate with RL = 54Ω
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Silent mode
S at VCC, VI = VCC
6
10
ICC
5-V Supply current
Dominant
VI = 0 V, 60 Ω Load, S at 0 V
50
70
mA
Recessive
VI = VCC, No Load, S at 0 V
6
10
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(LOOP1)
Total loop delay, driver input to receiver output,
90
190
recessive to dominant
Figure 9, S at 0V
ns
td(LOOP2)
Total loop delay, driver input to receiver output,
90
190
dominant to recessive
over recommended operating conditiions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
CANH
2.9
3.4
4.5
VI = 0 V, S at 0 V, RL = 60 Ω, See Figure 1
VO(D)
Bus output voltage (Dominant)
V
and Figure 2
CANL
0.8
1.5
VI = 3 V, S at 0 V, RL = 60 Ω, See Figure 1
VO(R)
Bus output voltage (Recessive)
2
2.3
3
V
and Figure 2
(1)
All typical values are at 25
°C with a 5-V supply.
3


Similar Part No. - SN65HVD1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050 TI-SN65HVD1050 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050A-Q1 TI-SN65HVD1050A-Q1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
SN65HVD1050AQDRQ1 TI-SN65HVD1050AQDRQ1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
More results

Similar Description - SN65HVD1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com