Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0031 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0031
Description  SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0031 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH0031 Datasheet HTML 2Page - National Semiconductor (TI) LMH0031 Datasheet HTML 3Page - National Semiconductor (TI) LMH0031 Datasheet HTML 4Page - National Semiconductor (TI) LMH0031 Datasheet HTML 5Page - National Semiconductor (TI) LMH0031 Datasheet HTML 6Page - National Semiconductor (TI) LMH0031 Datasheet HTML 7Page - National Semiconductor (TI) LMH0031 Datasheet HTML 8Page - National Semiconductor (TI) LMH0031 Datasheet HTML 9Page - National Semiconductor (TI) LMH0031 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Required Input Conditions (Continued)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
f
ACLK
Ancillary / Control Data
Clock Frequency
A
CLK
V
CLK
MHz
DC
ACLK
Duty Cycle, Ancillary Clock
45
50
55
%
t
r,tf
Ancillary / Control Clock
and Data Rise Time, Fall
Time
10%–90%
1.0
1.5
3.0
ns
t
S
Setup Time, AD
N to ACLK
or IO
N to ACLK Rising
Edge
Control Data Input or
I/O Bus Input
IO
N,ADN,ACLK
Timing Diagram
3.0
1.5
ns
t
H
Hold Time, Rising Edge
A
CLK to ADN or ACLK to
IO
N
3.0
1.5
ns
R
REF
Bias Supply Reference
Resistor
Tolerance 1%
4.75k
f
EXT CLK
External Clock Frequency
Ext Clk
−100
ppm
27.0
+100
ppm
MHz
f
XTAL
Crystal Frequency
Figure 6
XTALo, XTALi
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
IH
Input Voltage High Level
All LVCMOS
Inputs
2.0
V
DDIO
V
V
IL
Input Voltage Low Level
V
SSIO
0.8
I
IH
Input Current High Level
V
IH =VDDIO(Note 8)
+85
+150
µA
I
IL
Input Current Low Level
V
IL =VSSIO
−1
−20
V
OH
Output Voltage High Level
I
OH =−2mA
All LVCMOS
Outputs
2.4
2.7
V
DDIO
V
V
OL
Output Voltage Low Level
I
OL =+2mA
V
SSIO
V
SSIO
+0.3
V
SSIO
+0.5V
V
OHV
Minimum Dynamic V
OH
I
OH =−2mA
(Note 6)
V
DDIO
−0.5
V
OLP
Maximum Dynamic V
OL
I
OL =+2mA
(Note 6)
V
SSIO
+0.4
V
SDI
Serial Data Input Voltage
SDI, SDI
125
800
880
mV
P-P
I
SDI
Serial Data Input Current
±1
±10
µA
V
TH
Input Thereshold
Over VCM range
<100
mV
I
BB
Bias Supply Output
Current
R
BB = 8.66k
Ω 1%
−220
−188
µA
I
REF
Reference Output Current
R
REF = 4.75k
Ω 1%
−290
−262
I
DD (3.3V)
Power Supply Current,
3.3V Supply, Total
270M
BPS Data Rate
V
DDIO,VDDSI
38.0
45.0
mA
1,485M
BPS Data Rate
47.0
50.0
I
DD (2.5V)
Power Supply Current,
2.5V Supply, Total
270M
BPS Data Rate
V
DDD,VDDPLL
80
120
mA
1,485M
BPS Data Rate
220
340
www.national.com
6


Similar Part No. - LMH0031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
[Old version datasheet]   SMPTE 292M/259M Digital Video Deserializer / Descrambler
LMH0031VS TI1-LMH0031VS Datasheet
375Kb / 39P
[Old version datasheet]   SMPTE 292M/259M Digital Video Deserializer / Descrambler
LMH0031VS/NOPB TI1-LMH0031VS/NOPB Datasheet
375Kb / 39P
[Old version datasheet]   SMPTE 292M/259M Digital Video Deserializer / Descrambler
More results

Similar Description - LMH0031

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
[Old version datasheet]   SMPTE 292M/259M Digital Video Deserializer / Descrambler
logo
National Semiconductor ...
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
[Old version datasheet]   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
National Semiconductor ...
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
logo
Gennum Corporation
GS2964 GENNUM-GS2964 Datasheet
826Kb / 17P
   SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com