Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH343IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH343IDT
Description  280MHz Single - Supply Triple Video Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSH343IDT Datasheet HTML 1Page - STMicroelectronics TSH343IDT Datasheet HTML 2Page - STMicroelectronics TSH343IDT Datasheet HTML 3Page - STMicroelectronics TSH343IDT Datasheet HTML 4Page - STMicroelectronics TSH343IDT Datasheet HTML 5Page - STMicroelectronics TSH343IDT Datasheet HTML 6Page - STMicroelectronics TSH343IDT Datasheet HTML 7Page - STMicroelectronics TSH343IDT Datasheet HTML 8Page - STMicroelectronics TSH343IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2006
Rev. 2
1/14
14
TSH343
280MHz Single-Supply Triple Video Buffer
Bandwidth: 280MHz
5V single-supply operation
Internal input DC level shifter
No input capacitor required
Internal gain of 6dB for a matching between 3
channels
Very low harmonic distortion
Slew rate: 780V/
µs
Specified for 150
Ω and 100Ω loads
Tested on 5V power supply
Data min. and max. are tested during
production
Description
The TSH343 is a triple single-supply video buffer
featuring an internal gain of 6dB and a large
bandwidth of 280MHz.
The main advantage of this circuit is that its input
DC level shifter allows for video signals on 75
video lines without damage to the synchronization
tip of the video signal, while using a single 5V
power supply with no input capacitor. The DC
level shifter is internally fixed and optimized to
keep the output video signals between low and
high output rails in the best position for the
greatest linearity.
Chapter 4 of this datasheet
gives technical support when using the TSH343
as Y-Pb-Pr driver for video DAC output on a video
line (see TSH344 for RGB signals).
The TSH343 is available in the compact SO8
plastic package for optimum space-saving.
Pin Connections (top view)
Applications
High-end video systems
High Definition TV (HDTV)
Broadcast and graphic video
Multimedia products
Order Codes
Top View
OUT2
1
IN2
OUT1
+Vcc
2
3
7
8
OUT3
IN1
4
6
IN3
GND
SO8
Pin1 identification
5
DC Shifter
6dB
6dB
6dB
Part Number
Temperature Range
Package
Packing
Marking
TSH343ID
-40°C to +85°C
SO-8
Tube
TSH343I
TSH343IDT
Tape & Reel
TSH343I
www.st.com


Similar Part No. - TSH343IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH343IDT STMICROELECTRONICS-TSH343IDT Datasheet
313Kb / 17P
   280MHz single-supply triple video buffer
More results

Similar Description - TSH343IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH343 STMICROELECTRONICS-TSH343_07 Datasheet
313Kb / 17P
   280MHz single-supply triple video buffer
TSH344 STMICROELECTRONICS-TSH344_07 Datasheet
298Kb / 17P
   340MHz single-supply triple video buffer
TSH344 STMICROELECTRONICS-TSH344 Datasheet
222Kb / 14P
   340MHz Single-Supply Triple Video Buffer
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com