Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5277 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5277
Description  8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5277 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5277 Datasheet HTML 4Page - Texas Instruments ADS5277 Datasheet HTML 5Page - Texas Instruments ADS5277 Datasheet HTML 6Page - Texas Instruments ADS5277 Datasheet HTML 7Page - Texas Instruments ADS5277 Datasheet HTML 8Page - Texas Instruments ADS5277 Datasheet HTML 9Page - Texas Instruments ADS5277 Datasheet HTML 10Page - Texas Instruments ADS5277 Datasheet HTML 11Page - Texas Instruments ADS5277 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
ADCLK
6X ADCLK
SERIAL DATA
1X ADCLK
LCLK
P
LCLK
N
OUT
P
OUT
N
ADCLK
P
ADCLK
N
Sample n data
Input
t
PROP
t
D(A)
Sample n
Sample n + 6
D1 D2 D3 D4 D5 D6 D7
0
0
D0
0
0
D0 D1 D2 D3 D4 D5 D6 D7
D9
D8
1
t
SAMPLE
t
S
2
D9
D8
0
0
6.5 Clock Cycles
NOTE: Serial data bit format shown in LSB first mode.
t
1
t
3
t
5
t
6
t
4
t
7
t
8
t
2
AVDD (3V to 3.6V)
LVDD (3V to 3.6V)
Device Ready
For ADC Operation
Device Ready
For ADC Operation
Device Ready
For Serial Register Write
Start of Clock
AVDD
LVDD
RESET
CS
ADCLK
NOTE: 10
µs < t
1 < 50ms; 10µs < t2 < 50ms; −10ms < t3 < 10ms; t4 > 10ms; t5 > 100ns; t6 > 100ns; t7 > 10ms; and t8 > 100µs.
ADS5277
SBAS333C – FEBRUARY 2005 – REVISED SEPTEMBER 2005
LVDS TIMING DIAGRAM (Per ADC Channel)
RECOMMENDED POWER-UP SEQUENCING AND RESET TIMING
8


Similar Part No. - ADS5277

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5277 TI1-ADS5277 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5277 TI1-ADS5277 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5277IPFP TI-ADS5277IPFP Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277IPFP TI1-ADS5277IPFP Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5277IPFPG4 TI1-ADS5277IPFPG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5277

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS8410 TI1-ADS8410 Datasheet
1,005Kb / 40P
[Old version datasheet]   16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com