Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5704 Datasheet(PDF) 77 Page - Asahi Kasei Microsystems

Part # AK5704
Description  Low-Power 4-ch 32-bit ADC with MIC-Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5704 Datasheet(HTML) 77 Page - Asahi Kasei Microsystems

Back Button AK5704 Datasheet HTML 73Page - Asahi Kasei Microsystems AK5704 Datasheet HTML 74Page - Asahi Kasei Microsystems AK5704 Datasheet HTML 75Page - Asahi Kasei Microsystems AK5704 Datasheet HTML 76Page - Asahi Kasei Microsystems AK5704 Datasheet HTML 77Page - Asahi Kasei Microsystems AK5704 Datasheet HTML 78Page - Asahi Kasei Microsystems AK5704 Datasheet HTML 79Page - Asahi Kasei Microsystems AK5704 Datasheet HTML 80Page - Asahi Kasei Microsystems AK5704 Datasheet HTML 81Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 109 page
background image
[AK5704]
019000890-E-00
2019/02
- 77 -
SDA
Slave
Address
S
S
T
A
R
T
R/W="0"
A
C
K
A
C
K
A
C
K
Data(n)
A
C
K
Data(n+x)
A
C
K
P
S
T
O
P
Sub
Address(n)
S
Slave
Address
R/W="1"
S
T
A
R
T
Data(n+1)
A
C
K
N
A
C
K
M
A
S
T
E
R
M
A
S
T
E
R
M
A
S
T
E
R
M
A
S
T
E
R
Figure 52. Random Address Read
SCL
SDA
stop condition
start condition
S
P
Figure 53. Start Condition and Stop Condition
Figure 54. Acknowledge (I2C Bus)
SCL
SDA
data line
stable;
data valid
change
of data
allowed
Figure 55. Bit Transfer (I2C Bus)
SCL FROM
MASTER
acknowledge
DATA
OUTPUT BY
TRANSMITTER
DATA
OUTPUT BY
RECEIVER
1
9
8
START
CONDITION
not acknowledge
clock pulse for
acknowledgement
S
2


Similar Part No. - AK5704

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5700VN AKM-AK5700VN Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701 AKM-AK5701 Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AK5701KN AKM-AK5701KN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
More results

Similar Description - AK5704

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK4691 AKM-AK4691 Datasheet
1,017Kb / 80P
   4ch ADC 2ch DAC with MIC/HP/SPK-AMP
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com