Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKT430-16 Datasheet(PDF) 5 Page - International Rectifier

Part # IRKT430-16
Description  THYRISTOR / DIODE and THYRISTOR / THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT430-16 Datasheet(HTML) 5 Page - International Rectifier

  IRKT430-16 Datasheet HTML 1Page - International Rectifier IRKT430-16 Datasheet HTML 2Page - International Rectifier IRKT430-16 Datasheet HTML 3Page - International Rectifier IRKT430-16 Datasheet HTML 4Page - International Rectifier IRKT430-16 Datasheet HTML 5Page - International Rectifier IRKT430-16 Datasheet HTML 6Page - International Rectifier IRKT430-16 Datasheet HTML 7Page - International Rectifier IRKT430-16 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRK.430.. Series
5
Bulletin I27400 rev. A 09/97
www.irf.com
Outline Table
All dimensions in millimeters (inches)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
70
80
90
100
110
120
130
0
100
200
300
400
500
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
IRK.430.. Series
R
(DC) = 0.065 K/W
thJC
70
80
90
100
110
120
130
0
100
200
300
400
500
600
700
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
IRK.430.. Series
R
(DC) = 0.065 K/W
thJC


Similar Part No. - IRKT430-16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT430-16 IRF-IRKT430-16 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
More results

Similar Description - IRKT430-16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com