Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTT1115S Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HTT1115S
Description  SILICON NPN EPITAXIAL TWIN TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HTT1115S Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HTT1115S Datasheet HTML 2Page - Hitachi Semiconductor HTT1115S Datasheet HTML 3Page - Hitachi Semiconductor HTT1115S Datasheet HTML 4Page - Hitachi Semiconductor HTT1115S Datasheet HTML 5Page - Hitachi Semiconductor HTT1115S Datasheet HTML 6Page - Hitachi Semiconductor HTT1115S Datasheet HTML 7Page - Hitachi Semiconductor HTT1115S Datasheet HTML 8Page - Hitachi Semiconductor HTT1115S Datasheet HTML 9Page - Hitachi Semiconductor HTT1115S Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HTT1115S
Rev.3, Aug. 2001, page 6 of 10
Main Characteristics (Q2)
100
10
100
200
0
120
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
25
50
V
= 1 V
CE
0
0.4
0.6
1.0
0
0.5
1.0
1.5
3.5
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
Base to Emitter Voltage VBE (V)
0.2
0.8
V
= 1 V
CE
2.5
2.0
3.0
50
40
30
20
10
Typical Forward Transfer Characteristics
50
40
20
10
30
IB = 50 µA
100 µA
150 µ
A
200 µ
A
250
µA
300
µA
350
µA
400
µA
450
µA
500
µA
1.2
2.0
Collector to Base Voltage VCB (V)
Reverse Transfer Capacitance vs.
Collector to Base Voltage
0.8
1.0
1.2
1.4
1.6
0
0.4
0.8
1.6
0.6
I
= 0
f = 1MHz
E


Similar Part No. - HTT1115S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HTT1115E RENESAS-HTT1115E Datasheet
291Kb / 9P
   Silicon NPN Epitaxial Twin Transistor
HTT1115EFTL-E RENESAS-HTT1115EFTL-E Datasheet
291Kb / 9P
   Silicon NPN Epitaxial Twin Transistor
More results

Similar Description - HTT1115S

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA835TF NEC-UPA835TF Datasheet
72Kb / 10P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA839TF NEC-UPA839TF Datasheet
17Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com