Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM150XG-26L06 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TM150XG-26L06
Description  TFT COLOR LCD MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TM150XG-26L06 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TM150XG-26L06 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM150XG-26L06 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM150XG-26L06 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM150XG-26L06 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM150XG-26L06 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM150XG-26L06 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM150XG-26L06 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM150XG-26L06 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM150XG-26L06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MECHANICAL CHARACTERISTICS
Ta=25
°C
ITEM
SPECIFICATION
UNIT
LCD module size
331.6(W)
×254.75(H) ×12.5(T)
mm
Resolution
1024
× RGB(W) × 768(H)
pixel
Sub pixel pitch
0.099(W)
× 0.297(H)
mm
Pixel pitch
0.297(W)
× 0.297(H)
mm
Active viewing area
304.1(W)
× 228.1(H)
mm
Bezel opening area
307.2(W)
× 231.1(H)
mm
Weight
1300 TYP.
g
ELECTRICAL ABSOLUTE MAXIMUM RATINGS
Ta=25
°C
ITEM
SYMBOL
MIN
MAX
UNIT
NOTE
Power supply voltage
VDD-VSS
-0.3
4.0
V
Input voltage
VI
VSS-0.3
VDD+0.3
V
CFL lamp current
IL
-6.5
mA
ENVIRONMENTAL ABSOLUTE MAXIMUM RATINGS
Ta=25
°C
ITEM
SYMBOL
CONDITIONS
MIN
MAX
UNIT
NOTE
TST
Storage
-20
60
Ambient
temperature
TOP
Operation
0
50
°C
Note 1
Humidity
-
Ta=40
°C max.
-
85
%RH
No condensation
Note 2
Vibration
-
Storage
-
1.5
G
Note 3
Shock
-
Storage
-
50
G
XYZ 11ms/direction
[ Note 1 ] Care should be taken so that the LCD module may not be subjected to the
temperature beyond this specification.
[ Note 2 ] Ta>40
°C: Absolute humidity shall be less than that of 85%RH/40°C.
[ Note 3 ] 10-200Hz, 30min/cycle, X/Y/Z each one cycle and except for resonant frequency.
ELECTRICAL CHARACTERISTICS
VDD=3.3V ,fV=60Hz ,fCLK=65MHz ,Ta=25
°C
ITEM
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
NOTE
Power supply voltage
VDD-VSS
3.0
3.3
3.6
V
VIH
High level
-
-
+100
LVDS input
termination voltage
VIL
Low level
-100
-
-
mV
VCM=1.2V
LVDS input
termination voltage
RT
100
Internal
Power Supply current
IDD
Note 1
-
(420)
(800)
mA
[ Note 1 ] Under the following display image :
Typ. value : Display pattern is 256 gray scale bar.
[ Note 2 ] VCM : Common voltage LVDS input
Tottori SANYO Electric Co., Ltd.
TM150XG-26L06
Ver.1 Page
2/17


Similar Part No. - TM150XG-26L06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
More results

Similar Description - TM150XG-26L06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com