Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM150XG-26L10 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TM150XG-26L10
Description  TFT COLOR LCD MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TM150XG-26L10 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TM150XG-26L10 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM150XG-26L10 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM150XG-26L10 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM150XG-26L10 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM150XG-26L10 Datasheet HTML 9Page - List of Unclassifed Manufacturers TM150XG-26L10 Datasheet HTML 10Page - List of Unclassifed Manufacturers TM150XG-26L10 Datasheet HTML 11Page - List of Unclassifed Manufacturers TM150XG-26L10 Datasheet HTML 12Page - List of Unclassifed Manufacturers TM150XG-26L10 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
INTERNAL SIGNAL TIMING PARAMETERS ( DE_MODE )
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Frequency
fCLK
60.0
65.0
79.0
MHz
tCLK=1/fCLK
DCLK
Duty
D
(0.35)
0.50
(0.65)
-
D=tCLKL/tCLK
Setup Time
tSI
(2.5)
-
-
ns
Hold Time
tHI
(0)
-
-
ns
Horiz. Period
tHP
1050
1344
1800
tCLK
for DCLK
Horiz. DE
tHDE
1024
1024
1024
tCLK
Vert. Period
tVP
780
806
860
tHP
fV=60Hz Typ.
DE
Vert. DE
nVDE
768
768
768
n
Setup Time
tSD
(2.5)
-
-
ns
DATA
Hold Time
tHD
(0)
-
-
ns
for DCLK
[ Note 1 ] Definition of Vertical Frequency fV and Horizontal Frequency fH:
fH (Horizontal Frequency) = 1/tHP
fV (Vertical Frequency)
= 1/tVP
[ Note 2 ] These signal timing parameters are specified at the digital input of LVDS transmitter.
With respect to setup time and hold time for DE and DATA signals, please refer to
input signal specification of LVDS transmitter.
Recommended LVDS transmitter : DS90C385(NS)
Tottori SANYO Electric Co., Ltd.
TM150XG-26L10A
Ver.1
Page
8/17


Similar Part No. - TM150XG-26L10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-26L06 ETC1-TM150XG-26L06 Datasheet
280Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
More results

Similar Description - TM150XG-26L10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com