Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME270461X-ES Datasheet(PDF) 3 Page - International Rectifier

Part # AME270461X-ES
Description  ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AME270461X-ES Datasheet(HTML) 3 Page - International Rectifier

  AME270461X-ES Datasheet HTML 1Page - International Rectifier AME270461X-ES Datasheet HTML 2Page - International Rectifier AME270461X-ES Datasheet HTML 3Page - International Rectifier AME270461X-ES Datasheet HTML 4Page - International Rectifier AME270461X-ES Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
AME50461 Series
AME50461 Block Diagram
Refer to last page for Pin Designation
Circuit Operation and Application Information
The AME series of filters employ three stages of fil-
tering in a low pass configuration designed to at-
tenuate the higher frequency components of ripple
currents generated by high frequency switching DC/
DC converters. The Block Diagram describes the
general arrangement of the principal elements which
have been connected to provide both differential and
normal mode buffering between the input and out-
put terminals.
1
To calculate the input current (
iin) requirement of any one converter, first determine the maximum output power by
multiplying output voltage by maximum load current, divide this power by the efficiency to obtain input power and then divide
input power by input voltage to obtain the input current (
iin). Note that to obtain worst case input current, you must use
maximum load current, minimum efficiency and minimum line voltage in this calculation.
7
12
1
6
20 nF
20 nF
Case
Output
Output
Return
Input
Input
Return
2
3
5
4
11
10
8
9
Employing only passive elements, AME filter opera-
tion is initiated simply by insertion into the input power
path between one or more DC/DC converters and
their input DC voltage bus. In this connection, out-
put pins of the filter will be connected to input pins of
the converters.
When a single AME filter is used in conjunction with
multiple DC/DC converters, the use will be limited
to the maximum output current capability specified
in the AME electrical table.1 A typical connection
utilizing one filter to drive two converters is illus-
trated on page1.
Although expressly designed to complement the AFL
series of DC/DC converters, the AME50461 filters
can be successfully operated in conjunction with
other converters in the Advanced Analog line in-
cluding the ASA, AHF, AHV and ATR series.


Similar Part No. - AME270461X-ES

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461X PERKINELMER-AME270461X Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AME270461X IRF-AME270461X Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME270461X/CH IRF-AME270461X/CH Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME270461X/CH IRF-AME270461X/CH Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME270461X/CH IRF-AME270461X/CH Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results

Similar Description - AME270461X-ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARF461 IRF-ARF461 Datasheet
43Kb / 4P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
   EMI FILTER HYBRID / HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com