Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME50461Z-CH Datasheet(PDF) 1 Page - International Rectifier

Part # AME50461Z-CH
Description  ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AME50461Z-CH Datasheet(HTML) 1 Page - International Rectifier

  AME50461Z-CH Datasheet HTML 1Page - International Rectifier AME50461Z-CH Datasheet HTML 2Page - International Rectifier AME50461Z-CH Datasheet HTML 3Page - International Rectifier AME50461Z-CH Datasheet HTML 4Page - International Rectifier AME50461Z-CH Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
12/13/02
www.irf.com
1
ADVANCED ANALOG
EMI FILTER
HYBRID / HIGH RELIABILITY
AME50461 SERIES
Description
n Up to 7.0 Ampere Output Current
n Attenuation > 35dB @ 200 KHz
n Low Profile (0.38”) Seam Welded Package
n Ceramic Feedthru Copper-Core Pins
n Operation Over Full Military Temp. Range
n Standard Military Drawings Available
Features
AME
Typical Connection Diagram
The AME Series of EMI filters have been designed to
provide full compliance with the input line reflected
ripple current requirement specified by CE03 of MIL-
STD-461C over the full military temperature range while
operating in conjunction with the corresponding AFL
series of DC/DC converters. These filters are offered as
part of a complete family of conversion products pro-
viding single and dual output voltages while operating
from nominal +28, +50 or +270 input line voltage. Other
converters operating with a similar switching frequency
will also benefit by use of this device.
These EMI filters are hermetically packaged in two en-
closure variations, utilizing copper-core pins to mini-
mize resistive DC losses. Three lead styles are avail-
able, each fabricated with Advanced Analog’s rugged
ceramic lead-to-package seal assuring long term her-
metic seal integrity in harsh environments.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are available in four screen-
ing grades to satisfy a wide range of applications. The
CH grade is fully compliant to the requirements of MIL-
PRF-38534 for class H. The HB grade is fully processed
and screened to the class H requirement, but does not
include element evaluation to the class H requirement.
Both grades are tested to meet the complete
group “A” test specification over the full military
temperature range with no derating. Two grades
with more limited screening are also available
for use in less demanding applications. Varia-
tions in electrical, mechanical and screen re-
quirements can be accommodated. Contact Ad-
vanced Analog for special requirements.
AME50461
EMI Filter
AFL50XX
or Other
DC/DC Converter
+Vin
+Vin
Input Return
Input Return
+Vout
+Vout
Output Return
Output Return
To Additional Converters up to Total
of Filter Rated Output Current
R
L
R
L
System
Bus
AFL50XX
or Other
DC/DC Converter
+Vout
Output Return
+Vin
Input Return
Note: Filter and Converter
Cases Should be
Electrically Connected
PD - 94595


Similar Part No. - AME50461Z-CH

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME50461Z PERKINELMER-AME50461Z Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AME50461Z IRF-AME50461Z Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME50461Z/CH IRF-AME50461Z/CH Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME50461Z/CH IRF-AME50461Z/CH Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME50461Z/CH IRF-AME50461Z/CH Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results

Similar Description - AME50461Z-CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARF461 IRF-ARF461 Datasheet
43Kb / 4P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
   EMI FILTER HYBRID / HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com