Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST4130E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ST4130E
Description  Crystal Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST4130E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST4130E Datasheet HTML 1Page - List of Unclassifed Manufacturers ST4130E Datasheet HTML 2Page - List of Unclassifed Manufacturers ST4130E Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All specifications are subject to change without notice.
SaRonix
Crystal Clock Oscillator
Technical Data
ST41xx Series
SaRonix
3.3 & 5V, ACMOS, LVCMOS
DS-183
REV C
141 Jefferson Drive • Menlo Park, CA 94025 • USA • 650-470-7700 • 800-227-8974 • Fax 650-462-9894
Package Details
5.08
.200
(4) Glass
Insulators
Pin 1
Tri-State
Control
FULL SIZE PACKAGE
21.0
.825
max
max
Pin 7
GND
13.0
.510
max
SARONIX
XTAL OSC
0.91
.036
max
.46±.076
.018±.003
15.24±.13
.600±.005
7.75
.305
Pin 14
VDC
Pin 8 Output
Denotes Pin 1
Tri-State Logic Table
Test Circuits
Output Waveform
Pin 1 Input
Logic 1 or NC
Logic 0 or GND
Pin 8 (5) Output
Oscillation
High Impedance
Required Input Levels on Pin 1:
Logic 1 = 2.2V min
Logic 0 = 0.8V max
HALF SIZE PACKAGE
Standard Marking Format **
Includes Date Code, Frequency, Part Number
13.0
.510
max
0.91
.036
max
Denotes Pin 1
5.08
.200
max
.46±.08
.018±.003
7.62±.20
.300±.008
120°
120°
120°
1.5
.059
Pin 4
GND
Pin 1
Tri-State
13.0
.510
max
Pin 5
Output
Pin 8
VDD
7.62±.20
.300±.008
Glass
Insulators
SARONIX
Standard Marking Format **
Includes Date Code, Frequency, Part Number
Scale: None (Dimensions in
)
mm
inches
** Exact location of items may vary
6.35±.51
.250±.020
6.35±.51
.250±.020
2.5 VDC
1.5 VDC
0.5 VDC
Tf
Tf
Tr
Tr
CMOS
TTL
SYMMETRY
SYMMETRY
GND
VDD
LOGIC 0
20% VDD
50% VDD
80% VDD
LOGIC 1
max
mA
M
POWER
SUPPLY
V M
VCC
OSCILLATOR
Pad 3
Pad 2
.01 µF
OUT
GND
0.01 µF
50
TRI-STATE INPUT
(current limited on fixture)
ACMOS
50
Ω Load
mA
M
POWER
SUPPLY
V M
ACMOS
95
Ω Load
0.01 µF
95
TEST
POINT
VCC
OSCILLATOR
Pad 3
Pad 2
OUT
GND
.01 µF
TRI-STATE INPUT
(current limited on fixture)
Pad 4
Pad 1
Pad 4
Pad 1
50
Ω ACMOS TEST CIRCUIT
95
Ω ACMOS TEST CIRCUIT
TEST
POINT


Similar Part No. - ST4130E

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
   Power Inductor for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA100_LZ COILCRAFT-ST413RAA100_LZ Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA101_LZ COILCRAFT-ST413RAA101_LZ Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA102_LZ COILCRAFT-ST413RAA102_LZ Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
More results

Similar Description - ST4130E

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
   Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
   Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
   Crystal Clock Oscillator
logo
List of Unclassifed Man...
TFG-786XH ETC1-TFG-786XH Datasheet
51Kb / 1P
   Crystal Clock Oscillator
HS360 ETC1-HS360 Datasheet
78Kb / 2P
   Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO071976 IQD-LFSPXO071976 Datasheet
193Kb / 2P
   Crystal Clock Oscillator
LFSPXO076035 IQD-LFSPXO076035 Datasheet
233Kb / 2P
   Crystal Clock Oscillator
LFSPXO009586 IQD-LFSPXO009586 Datasheet
392Kb / 2P
   Crystal Clock Oscillator
LFSPXO018032 IQD-LFSPXO018032 Datasheet
745Kb / 2P
   Crystal Clock Oscillator
LFSPXO018039 IQD-LFSPXO018039 Datasheet
1,009Kb / 2P
   Crystal Clock Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com