Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2512CC1008F200S2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HV2512CC1008F200S2
Description  High Voltage Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HV2512CC1008F200S2 Datasheet(HTML) 2 Page - Vishay Siliconix

  HV2512CC1008F200S2 Datasheet HTML 1Page - Vishay Siliconix HV2512CC1008F200S2 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CRHV
www.vishay.com
Vishay Techno
Revision: 02-Oct-14
2
Document Number: 68002
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional information on packaging, refer to the Surface Mount Resistor Packaging document (www.vishay.com/doc?31543).
Note
• Reference only: Not for all values specified. Consult factory for
your size and value.
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CRHV1206AF100MFKFB (preferred part number format)
GLOBAL
MODEL
SIZE
TERMINAL
STYLE
TERMINAL
MATERIAL
RESISTANCE
VALUE
TOLERANCE
TCR
SOLDER
TERMINATION
PACKAGING
CRHV
1206
1210
2010
2510
2512
A = 3-sided
B = Top
only
C = 5-sided
F = Nickel barrier
G = Non-Magnetic
A = Palladium
silver
B = Platinum gold
C = Gold
D = Platinum silver
E = Platinum
palladium gold
M = M
G = G
4M70 = 4.7 M
10M0 = 10 M
1G00 = 1 G
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
K = 100 ppm
L = 150 ppm
N = 200 ppm
R = 250 ppm
M = 300 ppm
W = 350 ppm
P = 500 ppm
E = Sn100
F = Sn95/Ag5, HSD
N = No solder
S = Sn62/Pb36/Ag2,
HSD
T = Sn90/Pb10
B = Bulk
F = T/R
(full reel)
1 = T/R
(1000 pcs)
5 = T/R
(500 pcs)
T = T/R
(250 pcs min.)
W = Waffle tray
Historical Part Numbering: CRHV1206AF1006F100e2 (will continue to be accepted)
CRHV
1206
A
F
1006
F
100
e2
HISTORICAL
MODEL
SIZE
TERM
STYLE
TERM
MATERIAL
RESISTANCE
VALUE
TOLERANCE
TCR
SOLDER
TERMINATION
MECHANICAL SPECIFICATIONS
Resistive element
Ruthenium oxide
Encapsulation
Glass
Substrate
96 % alumina
Termination
Solder-coated nickel barrier or solder
coated non-magnetic terminations
standard. Gold, palladium silver, platinum
gold, platinum silver, platinum palladium
gold terminations available.
Solder finish
Pure tin or tin/lead solder alloys standard.
Tin/silver or tin/lead/silver solder
alloys available.
ENVIRONMENTAL SPECIFICATIONS
Operating
temperature
-55 °C to +155 °C
Life
Less than 0.5 % change when tested
at full rated power
Short time overload
Less than 0.5 %
R
DERATING CURVE
- 55
- 25
0
25
50
75
100 125
155 175
120
70
Ambient Temperature in °C
100
80
60
40
20
0
VOLTAGE COEFFICIENT OF RESISTANCE CHART
SIZE
VALUE (
)
VCR (ppm/V)
FURTHER INSTRUCTIONS
CRHV1206
2M to 199M
25
Values over 200M, consult factory
CRHV1210
4M to 200M
25
Values over 200M, consult factory
CRHV2010
6M to 99M
15
Values over 1G, consult factory
100M to 1G
20
CRHV2510
10M to 99M
10
Values over 1G, consult factory
100M to 1G
15
CRHV2512
12M to 999M
10
Values over 5G, consult factory
1G to 5G
25
V1
2
0
A
F
1
6
RH
00
M
B
C
K
F
F


Similar Part No. - HV2512CC1008F200S2

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HV25 YHDC-HV25 Datasheet
4Mb / 1P
   Hall voltage sensor
HV25-XXX YHDC-HV25-XXX Datasheet
12Mb / 1P
   Hall voltage sensor
logo
Supertex, Inc
HV254 SUTEX-HV254 Datasheet
276Kb / 7P
   32-Channel High Voltage Amplifier Array
HV254DB1 SUTEX-HV254DB1 Datasheet
109Kb / 2P
   High Voltage Amplifier Array
HV254FG SUTEX-HV254FG Datasheet
276Kb / 7P
   32-Channel High Voltage Amplifier Array
More results

Similar Description - HV2512CC1008F200S2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com