Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG117R Datasheet(PDF) 3 Page - Micro Electronics

Part # SG117R
Description  1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SG117R Datasheet(HTML) 3 Page - Micro Electronics

  SG117R Datasheet HTML 1Page - Micro Electronics SG117R Datasheet HTML 2Page - Micro Electronics SG117R Datasheet HTML 3Page - Micro Electronics SG117R Datasheet HTML 4Page - Micro Electronics SG117R Datasheet HTML 5Page - Micro Electronics SG117R Datasheet HTML 6Page - Micro Electronics SG117R Datasheet HTML 7Page - Micro Electronics SG117R Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SG117A/SG117 SERIES
2/93 Rev 1.
2 10/02
LINFINITY Microelectronics Inc.
Copyright
 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
Units
Min.
Typ. Max.
Min.
Typ. Max.
1.262
1.270
0.01
0.02
25
0.5
50
1
0.02
100
5
10
2
1
1.25
0.01
0.02
5
0.1
20
0.3
0.03
65
80
50
0.2
3.5
2.2
0.8
0.4
0.2
1
0.3
0.001
1.30
0.04
0.07
25
0.5
70
1.5
0.07
100
5
10
1
Test Conditions
Parameter
Reference Voltage
Line Regulation (Note 4)
Load Regulation (Note 4)
Thermal Regulation (Note 5)
Ripple Rejection
Adjust Pin Current
Adjust Pin Current Change
Minimum Load Current
Current Limit
Temperature Stability (Note 5)
Long Term Stability (Note 5)
RMS Output Noise (% of V
OUT)
ELECTRICAL CHARACTERISTICS (continued)
Test Conditions
Parameter
Units
SG117/SG217
Min.
Typ. Max.
Min.
Typ. Max.
SG117A/SG217A
(V
IN - VOUT) = 40V
(V
IN - VOUT) ≤ 15V
K, P, R, IG Packages
T, L Packages
(V
IN - VOUT) = 40V, TJ = 25°C
K, P, R, IG Packages
T, L Packages
T
A = 125°C, 1000 Hours
T
A = 25°C, 10Hz ≤ f ≤
10 KHz (Note 5)
1.5
0.5
0.3
0.15
5
2
1
3.5
2.2
0.8
0.4
0.2
1
0.3
0.001
1.5
0.5
0.3
0.15
3.5
2.2
0.8
0.4
0.2
1
0.3
0.001
5
1
mA
A
A
A
A
%
%
%
SG317A
SG317
I
OUT = 10mA
T
A = 25°C
3V
≤ (V
IN - VOUT) ≤ 40V, P ≤ PMAX,
10mA
≤ I
OUT ≤ IMAX
3V
≤ (V
IN - VOUT) ≤
40V, I
L = 10mA
T
A = 25°C
T
A = TMIN to T MAX
10mA
≤ I
OUT ≤ IMAX
V
OUT ≤ 5V, TA = 25°C
V
OUT ≥ 5V, TA = 25°C
V
OUT ≤ 5V
V
OUT ≥ 5V
T
A = 25°C, 20ms pulse
V
OUT =
10V, f =120Hz
C
ADJ = 1µF, TA = 25°C
C
ADJ = 10µF
T
A = 25°C
10mA
≤ I
OUT ≤ IMAX , 2.5V ≤ (VIN - VOUT) ≤ 40V
(V
IN - VOUT) = 40V
(V
IN - VOUT) ≤ 15V
K, P, R, IG Packages
T, L Packages
(V
IN - VOUT) = 40V, TJ = 25°C
K, P, R, IG Packages
T, L Packages
T
A = 125°C
T
A = 25°C, 10Hz ≤ f ≤ 10KHz
(Note 5)
1.238
1.225
66
1.5
0.5
0.15
.075
1.250
1.250
0.005
0.01
5
0.1
20
0.3
0.002
65
80
50
0.2
3.5
2.2
0.8
0.4
0.2
1
0.3
0.001
1.20
66
1.5
0.5
0.15
.075
V
V
%/V
%/V
mV
%
mV
%
%/W
dB
dB
µA
µA
mA
A
A
A
A
%
%
%
Note 4. Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 5. These parameters, although guaranteed, are not tested in production.
Minimum Load Current
Current Limit
Temperature Stability (Note 5)
Long Term Stability (Note 5)
RMS Output Noise (% of V
OUT)


Similar Part No. - SG117R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG117R MICROSEMI-SG117R Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117R MICROSEMI-SG117R Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117R883B MICROSEMI-SG117R883B Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
More results

Similar Description - SG117R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG117A MICROSEMI-SG117A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
SGR117A MICROSEMI-SGR117A Datasheet
48Kb / 3P
   RAD HARD 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7603ST ETC2-OM7603ST Datasheet
38Kb / 4P
   Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com