Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG117L Datasheet(PDF) 7 Page - Micro Electronics

Part # SG117L
Description  1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SG117L Datasheet(HTML) 7 Page - Micro Electronics

  SG117L Datasheet HTML 1Page - Micro Electronics SG117L Datasheet HTML 2Page - Micro Electronics SG117L Datasheet HTML 3Page - Micro Electronics SG117L Datasheet HTML 4Page - Micro Electronics SG117L Datasheet HTML 5Page - Micro Electronics SG117L Datasheet HTML 6Page - Micro Electronics SG117L Datasheet HTML 7Page - Micro Electronics SG117L Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SG117A/SG117 SERIES
2/93 Rev 1.
2 10/02
LINFINITY Microelectronics Inc.
Copyright
 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
7
(714) 898-8121
∞ FAX: (714) 893-2570
APPLICATION INFORMATION (continued)
BYPASS CAPACITORS
Input bypassing using a 1µF tantalum or 25µF electrolytic is
recommended when the input filter capacitors are more than 5
inches from the device.
A 0.1
µF bypass capacitor on the
ADJUST pin is required if the load current varies by more than 1A/
µsec. Improved ripple rejection (80dB) can be accomplished by
adding a 10µF capacitor from the adjust pin to ground. For
improved AC transient response and to prevent the possibility of
oscillation due to unknown reactive load, a 1µF capacitor is also
recommended at the output. Because of their low impedance at
high frequencies, the best type of capacitor to use is solid
tantalum.
FIGURE 22 - 5V REGULATOR WITH SHUT DOWN
FIGURE 23 - 21V PROGRAMMING SUPPLY FOR UV PROM/EEPROM
FIGURE 24 - 2816 EEPROM SUPPLY PROGRAMMER FOR READ/WRITE CONTROL
FIGURE 25 - TEMPERATURE COMPENSATED LEAD ACID BATTERY CHARGER
FIGURE 21 - IMPROVING RIPPLE REJECTION
LOAD REGULATION
Because the SG117A is a three-terminal device, it is not possible
to provide true remote load sensing. Load regulation will be
limited by the resistance of the wire connecting the regulator to
the load. For the data sheet specification, regulation is measured
at the bottom of the package. Negative side sensing is a true
Kelvin connection, with the bottom of the output divider returned
to the negative side of the load. Although it may not be immedi-
ately obvious, best load regulation is obtained when the top of the
divider is connected directly to the case, not to the load. This is
illustrated in Figure 18. If R
1 were connected to the load, the
effective resistance between the regulator and the load would be
Connected as shown, R
P is not multiplied by the divider ratio. RP
is about 0.004
Ω per foot using 16 gauge wire. This translates to
4mV/ft. at 1A load current, so it is important to keep the positive
lead between regulator and load as short as possible.
FIGURE 20 - REMOTE SENSING
(
)
R
P X
,
R
P = Parasitic Line Resistance.
R
2 + R1
R
1


Similar Part No. - SG117L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG117L MICROSEMI-SG117L Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117L MICROSEMI-SG117L Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117L883B MICROSEMI-SG117L883B Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117LDESC MICROSEMI-SG117LDESC Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
More results

Similar Description - SG117L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG117A MICROSEMI-SG117A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
SGR117A MICROSEMI-SGR117A Datasheet
48Kb / 3P
   RAD HARD 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7603ST ETC2-OM7603ST Datasheet
38Kb / 4P
   Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com