Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX373MTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVX373MTR
Description  LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX373MTR Datasheet(HTML) 4 Page - STMicroelectronics

  74LVX373MTR Datasheet HTML 1Page - STMicroelectronics 74LVX373MTR Datasheet HTML 2Page - STMicroelectronics 74LVX373MTR Datasheet HTML 3Page - STMicroelectronics 74LVX373MTR Datasheet HTML 4Page - STMicroelectronics 74LVX373MTR Datasheet HTML 5Page - STMicroelectronics 74LVX373MTR Datasheet HTML 6Page - STMicroelectronics 74LVX373MTR Datasheet HTML 7Page - STMicroelectronics 74LVX373MTR Datasheet HTML 8Page - STMicroelectronics 74LVX373MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74LVX373
4/10
DYNAMIC SWITCHING CHARACTERISTICS
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
AC ELECTRICAL CHARACTERISTICS (Input tr =tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
3.3
CL =50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High
Voltage Input
(note 1, 3)
3.3
2.0
VILD
Dynamic Low
Voltage Input
(note 1, 3)
3.3
0.8
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
LE to Q
2.7
15
7.5
14.5
1.0
17.5
1.0
18.5
ns
2.7
50
10.0
18.0
1.0
21.0
1.0
22.0
3.3(*)
15
6.8
10.3
1.0
12.0
1.0
13.0
3.3(*)
50
9.3
13.8
1.0
15.5
1.0
16.5
tPLH
tPHL
Propagation Delay
Time
Dto Q
2.7
15
7.7
15.0
1.0
18.5
1.0
19.5
ns
2.7
50
10.2
18.5
1.0
22.0
1.0
23.0
3.3(*)
15
5.8
9.7
1.0
11.5
1.0
12.5
3.3(*)
50
8.5
13.2
1.0
15.0
1.0
16.0
tPZL
tPZH
Output Enable
Time
2.7
15
7.7
15.0
1.0
18.5
1.0
19.5
ns
2.7
50
10.2
18.5
1.0
22.0
1.0
23.0
3.3(*)
15
6.0
9.7
1.0
11.5
1.0
12.5
3.3(*)
50
8.5
13.2
1.0
15.0
1.0
16.0
tPLZ
tPHZ
Output Disable
Time
2.7
50
9.8
18.0
1.0
21.0
1.0
22.0
ns
3.3(*)
50
8.2
12.8
1.0
14.5
1.0
15.5
tW
LE pulse Width,
HIGH
2.7
50
6.5
7.5
7.5
ns
3.3(*)
50
5.0
5.0
5.0
tS
Setup Time D to LE
HIGH or LOW
2.7
50
6.0
6.0
6.0
ns
3.3(*)
50
4.0
4.0
4.0
th
Hold Time D to LE
HIGH or LOW
2.7
50
1.0
1.0
1.0
ns
3.3(*)
50
1.0
1.0
1.0
tOSLH
tOSHL
Output to Output
Skew Time (note
1,2)
2.7
50
0.5
1.0
1.5
1.5
ns
3.3(*)
50
0.5
1.0
1.5
1.5


Similar Part No. - 74LVX373MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX373MTR STMICROELECTRONICS-74LVX373MTR Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
More results

Similar Description - 74LVX373MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573_04 Datasheet
299Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX374 STMICROELECTRONICS-74LVX374 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX574 STMICROELECTRONICS-74LVX574 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
74LCX240 STMICROELECTRONICS-74LCX240_04 Datasheet
241Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX240M STMICROELECTRONICS-74LCX240M Datasheet
187Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com