Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7793 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7793
Description  Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7793 Datasheet(HTML) 2 Page - Analog Devices

  AD7793 Datasheet HTML 1Page - Analog Devices AD7793 Datasheet HTML 2Page - Analog Devices AD7793 Datasheet HTML 3Page - Analog Devices AD7793 Datasheet HTML 4Page - Analog Devices AD7793 Datasheet HTML 5Page - Analog Devices AD7793 Datasheet HTML 6Page - Analog Devices AD7793 Datasheet HTML 7Page - Analog Devices AD7793 Datasheet HTML 8Page - Analog Devices AD7793 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AD7792/AD7793
Preliminary Technical Data
REV.PrF 6/04 | Page 2
TABLE OF CONTENTS
AD7792/AD7793—Specifications.................................................. 3
Timing Characteristics, .................................................................... 6
Absolute Maximum Ratings............................................................ 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 11
On-chip Registers ........................................................................... 12
Communications Register (RS2, RS1, RS0 = 0, 0, 0) .............. 12
Status Register (RS2, RS1, RS0 = 0, 0, 0; Power-on/Reset =
0x80 (AD7792) / 0x88 (AD7793)) ........................................... 13
Mode Register (RS2, RS1, RS0 = 0, 0, 1; Power-on/Reset =
0x000A)........................................................................................ 13
Configuration Register (rs2, RS1, RS0 = 0, 1, 0; Power-
on/Reset = 0x0710) .................................................................... 15
Data Register (RS2, RS1, RS0 = 0, 1, 1; Power-on/Reset =
0x0000(00)) ................................................................................. 16
ID Register (RS2, RS1, RS0 = 1, 0, 0; Power-on/Reset = 0xXA
(ad7792) / 0xXB (ad7793))........................................................ 16
IO Register (RS2, RS1, RS0 = 1, 0, 1; Power-on/Reset = 0x00)
....................................................................................................... 16
OFFSET Register (RS2, RS1, RS0 = 1, 1, 0; Power-on/Reset =
0x8000(AD7792)/ 0x800000(AD7793)).................................. 17
FULL-SCALE Register (RS2, RS1, RS0 = 1, 1, 1; Power-
on/Reset = 0x5xx5(AD7792)/ 0x5xXXx5(AD7793)) ............ 17
ADC Circuit Information.............................................................. 19
Overview ..................................................................................... 19
Noise Performance ..................................................................... 19
Digital Interface .......................................................................... 20
Single Conversion Mode ....................................................... 21
Continuous Conversion Mode............................................. 21
Continuous Read Mode ........................................................ 22
Circuit Description......................................................................... 23
Analog Input Channel ............................................................... 23
Bipolar/Unipolar Configuration .............................................. 23
Data Output Coding .................................................................. 23
Reference ..................................................................................... 23
VDD Monitor ................................................................................ 24
Grounding and Layout .............................................................. 24
Outline Dimensions ....................................................................... 26
ESD Caution................................................................................ 26
REVISION HISTORY
REV.PrF, June 2004: Initial Version


Similar Part No. - AD7793

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7793 AD-AD7793 Datasheet
519Kb / 7P
   Devices Connected
AD7793BRU AD-AD7793BRU Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7793BRU-REEL AD-AD7793BRU-REEL Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7793BRUZ-REEL1 AD-AD7793BRUZ-REEL1 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7793BRUZ1 AD-AD7793BRUZ1 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
More results

Similar Description - AD7793

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7798 AD-AD7798 Datasheet
499Kb / 17P
   Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
Rev. B
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com